Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T00C Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST62T00C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T00C Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST62T00C Datasheet HTML 47Page - STMicroelectronics ST62T00C Datasheet HTML 48Page - STMicroelectronics ST62T00C Datasheet HTML 49Page - STMicroelectronics ST62T00C Datasheet HTML 50Page - STMicroelectronics ST62T00C Datasheet HTML 51Page - STMicroelectronics ST62T00C Datasheet HTML 52Page - STMicroelectronics ST62T00C Datasheet HTML 53Page - STMicroelectronics ST62T00C Datasheet HTML 54Page - STMicroelectronics ST62T00C Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
51/70
ST62T00C/T01C ST62T03C/E01C
DC ELECTRICAL CHARACTERISTICS (Cont’d)
(TA = -40 to +85°C unless otherwise specified))
Note:
(*) All Peripherals in stand-by.
6.4 AC ELECTRICAL CHARACTERISTICS
(TA = -40 to +125°C unless otherwise specified)
Notes:
1. Period for which VDD has to be connected at 0V to allow internal Reset function at next power-up.
2 An oscillator frequency above 1MHz is recommended for reliable A/D results.
3. Measure performed with OSCin pin soldered on PCB, with an around 2pF equivalent capacitance.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
Vup
LVD Threshold in power-on
Vdn +50 mV
4.1
4.3
V
Vdn
LVD threshold in powerdown
3.6
3.8
Vup -50 mV
V
VOL
Low Level Output Voltage
All Output pins
VDD= 5.0V; IOL = +10µA
VDD= 5.0V; IOL = + 5mA
VDD= 5.0V; IOL = + 10mAv
0.1
0.8
1.2
V
Low Level Output Voltage
20 mA Sink I/O pins
VDD= 5.0V; IOL = +10µA
VDD= 5.0V; IOL = +10mA
VDD= 5.0V; IOL = +20mA
VDD= 5.0V; IOL = +30mA
0.1
0.8
1.3
2.0
VOH
High Level Output Voltage
All Output pins
VDD= 5.0V; IOH = -10µA
VDD= 5.0V; IOH = -5.0mA
4.9
3.5
V
IDD
Supply Current in STOP
Mode, with LVD disabled(*)
ILOAD=0mA
VDD=5.0V
10
µA
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tREC
Supply Recovery Time (1)
100
ms
fLFAO
Internal frequency with LFAO active
200
400
800
kHz
fOSG
Internal Frequency with OSG
enabled2)
VDD =3V
VDD = 3.6V
VDD = 4.5V
2
2
4
fOSC
MHz
fRC
Internal frequency with RC oscillator
and OSG disabled2) 3)
VDD=5.0V
R=47k
R=100k
R=470k
4
2.7
800
5
3.2
850
5.8
3.5
900
MHz
MHz
kHz
CIN
Input Capacitance
All Inputs Pins
10
pF
COUT
Output Capacitance
All Outputs Pins
10
pF
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com