Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T00C Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST62T00C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T00C Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST62T00C Datasheet HTML 23Page - STMicroelectronics ST62T00C Datasheet HTML 24Page - STMicroelectronics ST62T00C Datasheet HTML 25Page - STMicroelectronics ST62T00C Datasheet HTML 26Page - STMicroelectronics ST62T00C Datasheet HTML 27Page - STMicroelectronics ST62T00C Datasheet HTML 28Page - STMicroelectronics ST62T00C Datasheet HTML 29Page - STMicroelectronics ST62T00C Datasheet HTML 30Page - STMicroelectronics ST62T00C Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
27/70
ST62T00C/T01C ST62T03C/E01C
INTERRUPTS (Cont’d)
3.4.2 Interrupt Procedure
The interrupt procedure is very similar to a call pro-
cedure, indeed the user can consider the interrupt
as an asynchronous call procedure. As this is an
asynchronous event, the user cannot know the
context and the time at which it occurred. As a re-
sult, the user should save all Data space registers
which may be used within the interrupt routines.
There are separate sets of processor flags for nor-
mal, interrupt and non-maskable interrupt modes,
which are automatically switched and so do not
need to be saved.
The following list summarizes the interrupt proce-
dure:
MCU
– The interrupt is detected.
– The C and Z flags are replaced by the interrupt
flags (or by the NMI flags).
– The PC contents are stored in the first level of
the stack.
– The normal interrupt lines are inhibited (NMI still
active).
– The first internal latch is cleared.
– Theassociated interrupt vectoris loaded inthe PC.
WARNING: In some circumstances, when a
maskable interrupt occurs while the ST6 core is in
NORMAL mode and especially during the execu-
tion of an ”ldi IOR, 00h” instruction (disabling all
maskable interrupts): if the interrupt arrives during
the first 3 cycles of the ”ldi” instruction (which is a
4-cycle instruction) the core will switch to interrupt
mode BUT the flags CN and ZN will NOT switch to
the interrupt pair CI and ZI.
User
– User selected registers are saved within the in-
terrupt service routine (normally on a software
stack).
– The source of the interrupt is found by polling the
interrupt flags (if more than one source is associ-
ated with the same vector).
– The interrupt is serviced.
– Return from interrupt (RETI)
MCU
– Automatically the MCU switches back to the nor-
mal flag set (or the interrupt flag set) and pops
the previous PC value from the stack.
The interrupt routine usually begins by the identify-
ing the device which generated the interrupt re-
quest (by polling). The user should save the regis-
ters which are used within the interrupt routine in a
software stack. After the RETI instruction is exe-
cuted, the MCU returns to the main routine.
Figure 20. Interrupt Processing Flow Chart
INS TRU CTION
FETCH
INS TRU CTION
EXEC UTE
IN STRUC TION
WAS
THE INS TRU CTION
ARE TI ?
?
C LEAR
INT ERR UP T MASK
SELECT
PROGRAM FLAGS
”POP”
THE STACK ED PC
?
C HEC K IF THER E IS
AN IN TER RUP T R EQUEST
AN D INTE RRU PT MASK
SELECT
IN TER NA L MODE FLAG
PUSH THE
PC IN TO THE STACK
LOAD PC FROM
INT ERR UP T VEC TOR
(FFC/FFD)
SET
INTER RU PT MASK
NO
NO
YES
IS THE CORE
ALREADY I N
NORMAL MODE?
VA000014
YES
NO
YES
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com