Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T00C Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST62T00C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T00C Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST62T00C Datasheet HTML 24Page - STMicroelectronics ST62T00C Datasheet HTML 25Page - STMicroelectronics ST62T00C Datasheet HTML 26Page - STMicroelectronics ST62T00C Datasheet HTML 27Page - STMicroelectronics ST62T00C Datasheet HTML 28Page - STMicroelectronics ST62T00C Datasheet HTML 29Page - STMicroelectronics ST62T00C Datasheet HTML 30Page - STMicroelectronics ST62T00C Datasheet HTML 31Page - STMicroelectronics ST62T00C Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
28/70
ST62T00C/T01C ST62T03C/E01C
INTERRUPTS (Cont’d)
3.4.3 Interrupt Option Register (IOR)
The Interrupt Option Register (IOR) is used to en-
able/disable the individual interrupt sources and to
select the operating mode of the external interrupt
inputs. This register is write-only and cannot be
accessed by single-bit operations.
Address: 0C8h
—
Write Only
Reset status: 00h
Bit 7, Bits 3-0 =
Unused.
Bit 6 = LES:
Level/Edge Selection bit.
When this bit is set to one, the interrupt source #1
is level sensitive. When cleared to zero the edge
sensitive mode for interrupt request is selected.
Bit 5 = ESB:
Edge Selection bit.
The bit ESB selects the polarity of the interrupt
source #2.
Bit 4 = GEN:
Global Enable Interrupt. When this bit
is set to one, all interrupts are enabled. When this
bit is cleared to zero all the interrupts (excluding
NMI) are disabled.
When the GEN bit is low, the NMI interrupt is ac-
tive but cannot cause a wake up from STOP/WAIT
modes.
This register is cleared on reset.
3.4.4 Interrupt sources
Interrupt sources available on the ST62E01C/
T01C are summarized in the Table 8 with associ-
ated mask bit to enable/disable the interrupt re-
quest.
Table 8. Interrupt Requests and Mask Bits
*Except ST62T03C
70
-
LES
ESB
GEN
-
-
-
-
Peripheral
Register
Address
Register
Mask bit
Masked Interrupt Source
Interrupt
vector
GENERAL
IOR
C8h
GEN
All Interrupts, excluding
NMI
TIMER
TSCR
D4h
ETI
TMZ: TIMER Overflow
Vector 3
A/D CONVERTER(*)
ADCR
D1h
EAI
EOC: End of Conversion
Vector 4
Port PAn
ORPA-DRPA
C4h-CCh
ORPAn-DRPAn
PAn pin
Vector 1
Port PBn
ORPB-DRPB
C5h-CDh
ORPBn-DRPBn
PBn pin
Vector 2
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com