Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T00C Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST62T00C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T00C Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST62T00C Datasheet HTML 51Page - STMicroelectronics ST62T00C Datasheet HTML 52Page - STMicroelectronics ST62T00C Datasheet HTML 53Page - STMicroelectronics ST62T00C Datasheet HTML 54Page - STMicroelectronics ST62T00C Datasheet HTML 55Page - STMicroelectronics ST62T00C Datasheet HTML 56Page - STMicroelectronics ST62T00C Datasheet HTML 57Page - STMicroelectronics ST62T00C Datasheet HTML 58Page - STMicroelectronics ST62T00C Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
55/70
ST62T00C/T01C ST62T03C/E01C
Figure 33. Idd WAIT versus Vcc at 8Mhz for ROM devices
Figure 34. Idd WAIT (
µA) Fosc=32KHz (option byte programmed to 00h)
Figure 35. Idd RUN versus Vcc at 8 Mhz for ROM and OTP devices
0
0.2
0.4
0.6
0.8
Vdd
3V
4V
5V
6V
T = -40
°C
T= 25
°C
T= 95
°C
T = 125
°C
This curves represents typical variations and is given for guidance only
This curves represents typical variations and is given for guidance only
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
Vdd (volts)
2.5
3
3.5
4
4.5
5
5.5
6
T = -40C
T = 25C
T = 95C
T = 125C
1
2
3
4
5
Vdd
3V
4V
5V
6V
T = -40
°C
T= 25
°C
T= 95
°C
T = 125
°C
This curves represents typical variations and is given for guidance only
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com