Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6391 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST6391
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6391 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST6391 Datasheet HTML 11Page - STMicroelectronics ST6391 Datasheet HTML 12Page - STMicroelectronics ST6391 Datasheet HTML 13Page - STMicroelectronics ST6391 Datasheet HTML 14Page - STMicroelectronics ST6391 Datasheet HTML 15Page - STMicroelectronics ST6391 Datasheet HTML 16Page - STMicroelectronics ST6391 Datasheet HTML 17Page - STMicroelectronics ST6391 Datasheet HTML 18Page - STMicroelectronics ST6391 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
D7-D5. These bits are not used.
PRPR4-PRPR0. These are the program ROM
banking bits and the value loaded selects the cor-
responding page to be addressed in the lower part
of 4K program address space as specified in Table
3. This register is undefined on reset.
Note. The number of bits implemented depends
on the size of the ROM of the device. Only the
lower part of address space has been bank-
switched because interrupt vectors and common
subroutines should be available all the time. The
reason of this structure is due to the fact that it is
not possible to jump from a dynamic page to an-
other, unless jumping back to the static page,
changing contents of PRPR, and, than, jumping to
a different dynamic page.
Care is required when handling the PRPR as it is
write only. For this reason, it is not allowed to
change the PRPR contents while executing inter-
rupts drivers, as the driver cannot save and than
restore its previous content. Anyway, this opera-
tion may be necessary if the sum of common rou-
tines and interrupt drivers will take more than 2K
bytes; in this case could be necessary to divide the
PRPR
Program ROM Page Register
(CAh, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
PRPR0
PRPR1
PRPR2
PRPR3
UNUSED
Figure 13. Program ROM Page Register
PRPR3
PRPR2
PRPR1
PRPR0
PC11
Memory
Page
X
XXX
1
Static
Page
(Page 1)
000
0
0
Page 0
000
1
0
Page 1
(Static
Page)
001
0
0
Page 2
001
1
0
Page 3
010
0
0
Page 4
010
1
0
Page 5
011
0
0
Page 6
011
1
0
Page 7
100
0
0
Page 8
100
1
0
Page 9
Table 3. ST639x Program ROM Page Register
Coding
MEMORY SPACES (Continued)
interrupt driver in a (minor) part in the static page
(start and end), and in the second (major) part in
one dynamic page. If it is impossible to avoid the
writing of this register in interrupts drivers, an im-
age of this register must be saved in a RAM loca-
tion, and each time the program writes the PRPR it
writes also the image register. The image register
must be written first, so if an interrupt occurs be-
tween the two instructions the PRPR is not af-
fected.
®
ST6391,92,93,95,97,99
11/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com