Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6391 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST6391
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6391 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST6391 Datasheet HTML 34Page - STMicroelectronics ST6391 Datasheet HTML 35Page - STMicroelectronics ST6391 Datasheet HTML 36Page - STMicroelectronics ST6391 Datasheet HTML 37Page - STMicroelectronics ST6391 Datasheet HTML 38Page - STMicroelectronics ST6391 Datasheet HTML 39Page - STMicroelectronics ST6391 Datasheet HTML 40Page - STMicroelectronics ST6391 Datasheet HTML 41Page - STMicroelectronics ST6391 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
During transmission or reception of data, all ac-
cess to serial data register is therefore disabled.
The reception or transmission of data is started by
setting the BUSY bit to “1”; this will be automat-
ically reset at the end of the operation. After reset,
the busy bit is cleared to “0”, and the hardware SPI
disabled by clearing bit 0 and bit 1 of SPI control
register 1 to “0”. The outputs from the hardware
SPI are “ANDed” to the standard I/O software con-
trolled outputs. If the hardware SPI is in operation
the Port C pins related to the SPI should be config-
ured as outputs using the Data Direction Register
and should be set high. When the SPI is configured
as the S-BUS, the three pins PC0, PC1 and PC3
become the pins SCL, SDA and SEN respectively.
When configured as the I
2CBUS the pins PC0 and
PC1 are configured as the pins SCL and SDA; PC3
is not driven and can be used as a general purpose
I/O pin. In the case of the STD SPI the pins PC0
and PC1 become the signals CLOCK and DATA,
PC3 is not driven and can be used as general pur-
pose I/O pin. The VERIFY bit is available when the
SPI is configured as either S-BUS or I
2CBUS. At
the start of a byte transmission, the verify bit is set
to one. If at any time during the transmission of the
following eight bits, the data on the SDA line does
not match the data forced by the SPI (while SCL is
high), then the VERIFY bit is reset. The verify is
available only during transmission for the S-BUS
and I
2CBUS; for other protocol it is not defined.
The SDA and SCL signal entering the SPI are buff-
ered in order to remove any minor glitches. When
STD bit is set to one (S-BUS or I
2CBUS selected),
and TRX bit is reset (receiving data), and STOP bit
is set (last byte of current communication), the SPI
interface does not generate the Acknowledge, ac-
cording to S-BUS/I
2CBUS specifications. PCO-
SCL, PC1-SDA and PC3-SEN lines are standard
drive I/O port pins with open-drain output configura-
tion (maximum voltage that can be applied to these
pins is VDD+0.3V).
S-BUS/I
2CBUS Protocol Information
The S-BUS is a three-wire bidirectional data-bus
with functional features similar to the I
2CBUS. In
fact the S-BUS includes decoding of Start/Stop
conditions and the arbitration procedure in case of
multimaster system configuration (the ST639x SPI
allows a single-master only operation). The SDA
line, in the I
2CBUS represents the AND combina-
tion of SDA and SEN lines in the S-BUS. If the SDA
and the SEN lines are short-circuit connected, they
appear as the SDA line of the I
2CBUS. The
Start/Stop conditions are detected (by the external
peripherals suited to work with S-BUS/I
2CBUS) in
the following way:
-
On S-BUS by a transition of the SEN line (1 to 0
Start, 0 to 1 Stop) while the SCL line is at high
level.
-On I
2CBUS by a transition of the SDA line (10
Start, 01Stop) while the SCL line is at high
level.
Start and Stop condition are always generated by
the master (ST639x SPI can only work as single
master). The bus is busy after the start condition and
can be considered again free only when a certain
time delay is left after the stop condition. In the S-
BUS configuration the SDA line is only allowed to
change during the time SCL line is low. After the start
information the SEN line returns to high level and re-
mains unchangedfor all the data transmission time.
When the transmission is completed the SDA line is
set to high level and, at the same time, the SEN line
returns to the low level in order to supply the stop in-
formation with a low to high transition, while the SCL
line is at high level. On the S-BUS, as on the I
2CBUS,
each eight bit information (byte) is followed by one
acknowledged bit which is a high level put on the
SDA line by the transmitter. A peripheral that ac-
knowledges has to pull down the SDA line during the
acknowledge clock pulse. An addressed receiver
has to generate an acknowledge after the reception
of each byte; otherwise the SDA line remains at the
high level during the ninth clock pulse time. In this
case the master transmitter can generate the Stop
condition, via the SEN (or SDA in I
2CBUS) line, in
order to abort the transfer.
SERIAL PERIPHERAL INTERFACE (Continued)
®
ST6391,92,93,95,97,99
34/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com