Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6391 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST6391
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6391 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST6391 Datasheet HTML 24Page - STMicroelectronics ST6391 Datasheet HTML 25Page - STMicroelectronics ST6391 Datasheet HTML 26Page - STMicroelectronics ST6391 Datasheet HTML 27Page - STMicroelectronics ST6391 Datasheet HTML 28Page - STMicroelectronics ST6391 Datasheet HTML 29Page - STMicroelectronics ST6391 Datasheet HTML 30Page - STMicroelectronics ST6391 Datasheet HTML 31Page - STMicroelectronics ST6391 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
ON-CHIP CLOCK OSCILLATOR
The internal oscillator circuit is designed to require
a minimum of external components. A crystal
quartz, a ceramic resonator, or an external signal
(provided to the OSCin pin) may be used to gener-
ate a system clock with various stability/cost trade-
offs. The typical clock frequency is 8MHz. Please
note that different frequencies will affect the operation
of those peripherals (D/As, SPI) whose reference fre-
quencies are derived from the system clock.
The different clock generator options connection
methods are shown in Figures 25 and 26. One ma-
chine cycle takes 13 oscillator pulses; 12 clock
pulses are needed to increment the PC while and
additional 13th pulse is needed to stabilize the inter-
nal latches during memory addressing. This means
that with a clock frequency of 8MHz the machine cy-
cle is 1.625
µs.
The crystal oscillator start-up time is a function of
many variables: crystal parameters (especially RS),
oscillator load capacitance (CL), IC parameters, am-
bient temperature, and supply voltage.It must be ob-
served that the crystal or ceramic leads and circuit
connections must be as short as possible. Typical
values for CL1 and CL2 are in the range of 15pF to
22pF but these should be chosen based on the crys-
tal manufacturers specification. Typical input capaci-
tance for OSCin and OSCout pins is 5pF.
The oscillator output frequency is internallydivided
by 13 to produce the machine cycle and by 12 to
produce the Timer and the Watchdog clock. A byte
cycle is the smallest unit needed to execute any
operation (i.e., increment the program counter). An
instruction may need two, four, or five byte cycles
to be executed (See Table 7).
Instruc tion Type
Cycles
Execution
Time
Branch if set/reset
5 Cycles
8.125
µs
Branch & Subroutine Branch
4 Cycles
6.50
µs
Bit Manipulation
4 Cycles
6.50
µs
Load Instruction
4 Cycles
6.50
µs
Arithmetic & Logic
4 Cycles
6.50
µs
Conditional Branch
2 Cycles
3.25
µs
Program Control
2 Cycles
3.25
µs
Table 7. Intructions Timing with 8MHz Clock
Figure 25. Clock Generator Option (1)
Figure 26. Clock Generator Option (2)
Figure 27. OSCin, OSCout Diagram
®
ST6391,92,93,95,97,99
24/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com