Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6391 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST6391
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6391 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST6391 Datasheet HTML 42Page - STMicroelectronics ST6391 Datasheet HTML 43Page - STMicroelectronics ST6391 Datasheet HTML 44Page - STMicroelectronics ST6391 Datasheet HTML 45Page - STMicroelectronics ST6391 Datasheet HTML 46Page - STMicroelectronics ST6391 Datasheet HTML 47Page - STMicroelectronics ST6391 Datasheet HTML 48Page - STMicroelectronics ST6391 Datasheet HTML 49Page - STMicroelectronics ST6391 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
D7-D5. These bits are not used.
VSYNC. This bit reads the status of the VSYNC
pin. It is inverted with respect to the pin.
IR. This bit reads the status of the IR latch. If a sig-
nal has been latched this bit will be high.
AD2-AD0. These bits store the real time conver-
sion of the value present on the AFC input pin. Un-
defined reset value.
D7, D6, D5, D4, D3, D1, D0. These bits are not
used.
A/D Shift. This bit determines the voltage range of
the AFC input. Writing a zero will select the 0.5V to
4.5V range. Writing a one will select the 1.0V to
5.0V range. Undefined after reset.
AFCR
AFC Result Register
(E4h, Read Only)
D7 D6 D5 D4 D3 D2 D1 D0
AD2-AD0 A/D = Conv Result
IR
VSYNC
Unused
Figure 53. AFC, IR and OSD Result Register
AFSR
AFC Shift Register
(E5h, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
Unused
A/D Shift Bit
Unused
Figure 54. Outputs Control Register
AFC A/D COMPARATOR (Continued)
DEDICATED LATCHES
Two latches are available which may generate in-
terrupts to the ST639x core. The IR latch is set
either by the falling or rising edge of the signal on
pin PC6(IRIN). If bit 1 (IRPOSEDGE) of the latches
register (E9h) is high, then the latch will be trig-
gered on the rising edge of the signal at PC6(IRIN).
If bit 1 (IRPOSEDGE) is low, then the latch will be
triggered on the falling edge of the signal at
PC6(IRIN). The IR latch can be reset by setting bit
3 (RESIRLAT) of the latches register; the bit is set
only and a high should be written every time the IR
latch needs to be reset. If bit 2 (IRINTEN) of the
latches register (E9h) is high, then the output of the
IR latch, IRINTN, may generate an interrupt (#0).
IRINTN is inverted with respect to the state of the
IR latch. If bit 2 (IRINTEN) is low, then the output of
the IR latch, IRINTN, is forced high. The state of
the IR latch may be read from bit 3 (IRLATCH) of
register E4h; if the IR latch is set, then bit 3 will be
high. The PWR latch is set either by the falling or
rising edge of the signal on pin PC4(PWRIN). If bit
4 (PWREDGE) of the latches register (E9h) is high,
then the latch will be triggered on the rising edge of
the signal at PC4(PWRIN). If bit 4 (PWREDGE) is
low, then the latch will be triggered on the falling
edge of the signal at PC4(PWRIN). The PWR latch
can be reset by setting bit 6 (RESPWRLAT) of the
latches register; the bit is set only and a high
should be written every time the PWR latch needs
to be reset. If bit 5 (PWRINTEN) of the latches reg-
ister (E9h) is high, then the output of the PWR
latch, PWRINTN, may generate an interrupt (#4).
PWRINTN is inverted with respect to the state of
the PWR latch. If bit 5 (PWRINTEN) is low, then
the output of the PWR latch, PWRINTN, is forced
high.
®
ST6391,92,93,95,97,99
42/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com