Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6391 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST6391
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6391 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST6391 Datasheet HTML 33Page - STMicroelectronics ST6391 Datasheet HTML 34Page - STMicroelectronics ST6391 Datasheet HTML 35Page - STMicroelectronics ST6391 Datasheet HTML 36Page - STMicroelectronics ST6391 Datasheet HTML 37Page - STMicroelectronics ST6391 Datasheet HTML 38Page - STMicroelectronics ST6391 Datasheet HTML 39Page - STMicroelectronics ST6391 Datasheet HTML 40Page - STMicroelectronics ST6391 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
D7-D4. These bits are not used.
STR. This is Start bit for I
2CBUS/S-BUS. This bit is
meaningless when STD/SPI enable bit is cleared to
zero. If this bit is set to one STD/SPI bit is also set to
“1” and SPI Start generation, before beginning of
transmission, is enabled. Set to zero after reset.
STP. This is Stop bit for I
2CBUS/S-BUS. This bit is
meaningless when STD/SPI enable bit is cleared
to zero. If this bit is set to one STD/SPI bit is also
set to “1” and SPI Stop condition generation is en-
abled. STP bit must be reset when standard proto-
col is used (this is also the default reset
conditions). Set to zero after reset.
STD, SPI Enable. This bit, in conjunction with S-
BUS/I
2CBUS bit, allows the SPI disable and will
select between I
2CBUS/S-BUS and Standard
shift register protocols. If this bit is set to one, it
selects both I
2CBUS and S-BUS protocols; final
selection
between
them
is
made
by
S-
BUS/I
2CBUS bit. Ifthis bit is cleared to zero when
S-BUS/I
2CBUS is set to “1” the Standard shift
register protocol is selected. If this bit is cleared
to “0” when S-BUS/I
2CBUS is cleared to 0 the SPI
is disabled. Set to zero after reset.
S-BUS/I
2CBUS Selection. This bit, in conjunction
with STD/SPI bit, allows the SPI disable and will
select between I
2CBUS and S-BUS protocols. If
this bit is cleared to “0” when STD bit is also “0”, the
SPI interface is disabled. If this bit is cleared to zero
when STD bit is set to “1”, the I
2CBUS protocol will
be selected. If this bit is set to “1” when STD bit is
set to “1”, the S-BUS protocol will be selected.
Cleared to zero after reset.
SCR1
SPI Control Register 1
(EBh, Write only)
D7 D6 D5 D4 D3 D2 D1 D0
S-BUS/I
2
C BUS Selection
STD/SPI Enable
STP = Stop Bit
STR = Start Bit
Unused
Figure 41. SPI Control Register 1
SERIAL PERIPHERAL INTERFACE (Continued)
D7-D4. These bits are not used.
TX/RX.Write Only. When this bit is set, current byte
operation is a transmission. When it is reset, cur-
rent operation is a reception. Set to zero after re-
set.
VRY/S.Read Only/Write Only. This bit has two dif-
ferent functions in relation to read or write opera-
tion. Reading Operation: when STD and/or TRX
bits is cleared to 0, this bit is meaningless. When
bits STD and TX are set to 1, this bit is set each
time BSY bit is set. This bit is reset during byte op-
eration if real data on SDA line are different from
the output from the shift register. Set to zero after
reset. Writing Operation : it enables (if set to one)
or disables (if cleared to zero) the interrupt coming
from VSYNC pin. Undefined after reset. Refer to
OSD description for additional information.
ACN.Read Only. If STD bit (D1 of SCR1 register) is
cleared to zero this bit is meaningless. When STD
is set to one, this bit is set to one if no Acknowledge
has been received. In this case it is automatically
reset when BSY is set again. Set to zero after re-
set.
BSY.Read/Set Only. This is the busy bit. When a
one is loaded into this bit the SPI interface start the
transmission of the data byte loaded into SSDR
data register or receiving and building the receive
data into the SSDR data register. This is done in
accordance with the protocol, direction and
start/stop condition(s). This bit is automatically
cleared at the end of the current byte operation.
Cleared to zero after reset.
Note :
The SPI shift register is also the data transmission
register and the data received register; this feature
is made possible by using the serial structure of the
ST639x and thus reducing size and complexity.
D1
STD/SP
D0
S-BUS/I
2C BUS
SPI Function
0
0
Disabled
0
1
STD Shift Reg.
10
I
2C BUS
1
1
S-BUS
Table 10. SPI Modes Selection
SCR2
SPI Control Register 2
(ECh, Read/ Write)
D7 D6 D5 D4 D3 D2 D1 D0
BSY = Busy Bit 0
ACN = Acknowledge Bit
VRY/S = Verify/Sync.Enab le
TX/RX = Enable Bit
Unuse d
Figure 42. SPI Control Register2
®
ST6391,92,93,95,97,99
33/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com