Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6395 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST6395
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6395 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST6395 Datasheet HTML 15Page - STMicroelectronics ST6395 Datasheet HTML 16Page - STMicroelectronics ST6395 Datasheet HTML 17Page - STMicroelectronics ST6395 Datasheet HTML 18Page - STMicroelectronics ST6395 Datasheet HTML 19Page - STMicroelectronics ST6395 Datasheet HTML 20Page - STMicroelectronics ST6395 Datasheet HTML 21Page - STMicroelectronics ST6395 Datasheet HTML 22Page - STMicroelectronics ST6395 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
DRBR
Data RAM
Bank Register
(E8h, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
DRBR0
DRBR1
DRBR2
DRBR3
DRBR4
DRBR5
DRBR6
DRBR7
Figure 18. Data RAM Bank Register
MEMORY SPACES (Continued)
Data RAM/EEPROM/OSD RAM Addressing
In all members of the ST639x family 64 bytes of data
RAM are directly addressablein the data space from
80h to BFh addresses. The additional 192 bytes of
RAM, the 384 bytes of EEPROM , and the OSD
RAM can be addressed using the banks of 64
bytes located between addresses 00h and 3Fh.
The selection of the bank is done by programming
the Data RAM Bank Register (DRBR) located at
the E8h address of the Data Space. In this way
each bank of RAM, EEPROM or OSD RAM can se-
lect 64 bytes at a time. No more than one bank
should be set at a time.
DRBR Value
Selection
Hex.
Binary
01h
0000 0001
EEPROM Page 0
All devices
02h
0000 0010
EEPROM Page 1
03h
0000 0011
EEPROM Page 2
ST6395 and ST6397
ONLY
81h
1000 0001
EEPROM Page 3
82h
1000 0010
EEPROM Page 4
83h
1000 0011
EEPROM Page 5
04h
0000 0100
RAM Page 2
All devices
08h
0000 1000
RAM Page 3
10h
0001 0000
RAM Page 4
20h
0010 0000
OSD Page 5
40h
0100 0000
OSD Page 6
Table 5. Data RAM Bank Register Set-up
DRBR7,DRBR1,DRBR0. These bits select the
EEPROM page s.
DRBR6, DRBR5. Each of these bits, when set, will
select one OSD RAM register page.
DRBR4,DRBR3,DRBR2. Each of these bits, when
set, will select one RAM page.
This register is undefined after reset.
Table 5 summarizes how to set the Data RAM
Bank Register in order to select the various banks
or pages.
Note :
Care is required when handling the DRBR as it is
write only. For this reason, it is not allowed to
change the DRBR contents while executing inter-
rupts drivers, as the driver cannot save and than
restore its previous content. If it is impossible to
avoid the writing of this register in interrupts driv-
ers, an image of this register must be saved in a
RAM location, and each time the program writes
the DRBR it writes also the image register.
The image register must be written first, so if an in-
terrupt occurs between the two instructions the
DRBR is not affected.
®
ST6391,92,93,95,97,99
15/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com