Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6395 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST6395
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6395 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST6395 Datasheet HTML 43Page - STMicroelectronics ST6395 Datasheet HTML 44Page - STMicroelectronics ST6395 Datasheet HTML 45Page - STMicroelectronics ST6395 Datasheet HTML 46Page - STMicroelectronics ST6395 Datasheet HTML 47Page - STMicroelectronics ST6395 Datasheet HTML 48Page - STMicroelectronics ST6395 Datasheet HTML 49Page - STMicroelectronics ST6395 Datasheet HTML 50Page - STMicroelectronics ST6395 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
D7. This bit is not used
RESPWRLAT. Resets the PWR latch; this bit is set
only.
PWRINTEN. This bit enables the PWRINT signal
(#4) from the latch to the ST639x core. Undefined
after reset.
PWREDGE. The bit determines the edge which
will cause the PWRIN latch to be set. If this bit is
high, than the PWRIN latch will be set on the rising
edge of the PWRIN signal. Undefined after reset.
RESIRLAT. Resets the IR latch; this bit is set only.
IRINTEN. This bit enables the IRINTN signal (#0)
from the latch to the ST639x core. Undefined after
reset.
IRPOSEDGE. The bit determines the edge which
will cause the IR latch to be set. If this bit is high,
than the IR latch will be set on the rising edge of the
IR signal. Undefined after reset.
D0. This bit is not used
DLCR
Dedicated Latches Control
Register
(E9h, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
Unused
IRPOSEDGE
IRINTEN
RESIRLAT
PWREDGE
PWRINTEN
RESPWRLAT
Unused
Figure 55. Dedicated Latches Control Register
ON-SCREEN DISPLAY (OSD)
The ST639x OSD macrocell is a CMOS LSI char-
acter generator which enable display of characters
and symbols on the TV screen. The character
rounding function enhances the readability of the
characters. The ST639x OSD receives horizontal
and vertical synchronization signal and outputs
screen information via R, G, B and blanking pins.
The main characteristics of the macrocell are listed
below:
-
Number of display characters: 5 lines by 15
columns.
-
Number of character types: 128 characters in
two banks of 64 characters. Only one bank
per screen can be used.
-
Character size: Four character heights (18H,
36H 54H, 72H), two heights are available per
screen, programmable by line.
-
Character format: 6x9 dots with character
rounding function.
-
Character colour: Eight colours available pro-
grammable by word.
-
Display position: 64 horizontal positions by
2/fosc and 63 vertical positions by 4 H
-
Word spacing: 64 positions programmable
from 2/fosc to 128/fosc.
-
Line spacing: 63 positions programmable from
4 to 252 H.
-
Background: No background, square back-
ground or fringe background programmable by
word.
-
Background colour: Two of eight colours avail-
able programmable by word.
-
Display output: Three character data output
terminals (R,G,B) and a blank output terminal.
-
Display on/off: Display data may be pro-
grammed on or off by word or entire screen.
The entire screen may be blanked.
Format Specification
The entire display can be turned on or off through
the use of the global enable bit or the display may
be selectively turned on or off by word. To turn off
the entire display, the global enable bit (GE) should
be zero. If the global enable is one, the display is
controlled by the word enable bits (WE). The global
enable bit is located in the global enable register
and the word enable bit is located in the space
character preceding the word.
DEDICATED LATCHES(Continued)
®
ST6391,92,93,95,97,99
43/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com