Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6395 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST6395
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6395 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST6395 Datasheet HTML 48Page - STMicroelectronics ST6395 Datasheet HTML 49Page - STMicroelectronics ST6395 Datasheet HTML 50Page - STMicroelectronics ST6395 Datasheet HTML 51Page - STMicroelectronics ST6395 Datasheet HTML 52Page - STMicroelectronics ST6395 Datasheet HTML 53Page - STMicroelectronics ST6395 Datasheet HTML 54Page - STMicroelectronics ST6395 Datasheet HTML 55Page - STMicroelectronics ST6395 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
D7. This bit is not used
SCB. Screen Blanking. This bit allows the entire
screen to be blanked.
“0” -The blanking output signal (VBLK) is active
only when displaying characters.
“1” -The blanking output signal (VBLK) is always
active. Characters in the display RAM are still
displayed.
When this bit is set to one, the screen is blanked
also without setting the Global Enable bit to one
(OSD disabled).
VS5 , VS0. Vertical Space. These bits determine
the spacing between lines if the Vertical Space En-
able bit (VSE) in the format character is one. If VSE
is zero there will be no spaces between lines. The
Vertical Space bits can specify one of 63 spacing
values from 4H to 252H. The space between lines
is defined by the following formula.
Space between lines = 4H(2
5(VS5) + 24(VS4) +
2
3(VS3) + 22(VS2) + 21(VS1) + 20(VS0))
The case of all Vertical Start Address bits being
zero is illegal.
GS2,GS1. Global Size. These bits along with the
size bit (S) located in the Character format word
specify the character size for each line as defined
in Table 13.
Table 13. Horizontal Space Register Size
Setting.
GS2 GS1
S
Vertical Height
Horizontal
Length
0
0
0
18H
6 TDOT
0
0
1
36H
12 TDOT
0
1
0
18H
6 TDOT
0
1
1
54H
18 TDOT
1
0
0
36H
12 TDOT
1
0
1
54H
18 TDOT
1
1
0
36H
12 TDOT
1
1
1
72H
24 TDOT
Note: TDOT= 2/fOSC
HS5, HS0 . Horizontal Space . These bits deter-
mine the spacing between words if the Horizontal
Space Enable bit (HSE) located in the space char-
acter is a one. The space between words is then
equal to the width of the space character plus the
number of tdots specified by the Horizontal Space
bits. The 6 bits can specify one of 64 spacing val-
ues ranging from 2/fosc to 128/fosc. The formula is
shown below for the smallest size character(18H).
If larger size characters are being displayed the
spacing between words will increase proportion-
ately. Multiply the value below by 2, 3 or 4 for char-
acter sizes of 36H, 54H and 72H respectively.
Space between words (not including the space
character)=2/fosc(1+2
5(HS5)+24(HS4)+23(HS3)
+2
2(HS2)+ 21(HS1)+20(HS0))
ON-SCREEN DISPLAY (Continued)
VSR
Vertica l Space Register
(12h - Page 6, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
VS5-VS0 = Vertical Space
SCB = Screen Blanking bit
Unused
Figure 62. Vertical Space Register
HSR
Horizontal Space Register
(13h - Page 6, Write Only)
D7 D6 D5 D4 D3 D2 D1 D0
HS5-HS0 = Horizontal Space
GS1 = Global Size Bit 1
GS2 = Global Size Bit 2
Figure 63. Horizontal Space Register
®
ST6391,92,93,95,97,99
48/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com