Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6395 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST6395
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6395 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST6395 Datasheet HTML 25Page - STMicroelectronics ST6395 Datasheet HTML 26Page - STMicroelectronics ST6395 Datasheet HTML 27Page - STMicroelectronics ST6395 Datasheet HTML 28Page - STMicroelectronics ST6395 Datasheet HTML 29Page - STMicroelectronics ST6395 Datasheet HTML 30Page - STMicroelectronics ST6395 Datasheet HTML 31Page - STMicroelectronics ST6395 Datasheet HTML 32Page - STMicroelectronics ST6395 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
INPUT/OUTPUT PORTS
The ST639x microcontrollers use three standard
I/O ports (A,B,C) with up to eight pins on each port;
refer to the device pin configurations to see which
pins are available.
Each line can be individually programmed either in
the input mode or the output mode as follows by
software.
-
Output
-
Input with on-chip pull-up resistor (selected by
software)
-
Input without on-chip pull-up resistor (selected
by software)
Note: pins with 12V open-drain capability do not
have pull-up resistors.
In output mode the following hardware configura-
tions are available:
-
Open-drain output 12V (PA4-PA7, PC4-PC7)
-
Open-drain output 5V (PC0-PC3)
-
Push-pull output (PA0-PA3, PB0-PB6)
The lines are organized in three ports (port A,B,C).
The ports occupy 6 registers in the data space.
Each bit of these registers is associated with a par-
ticular line (for instance, the bits 0 of the Port A
Data and Direction registers are associated with
the PA0 line of Port A).
There are three Data registers (DRA, DRB, DRC),
that are used to read the voltage level values of the
lines programmed in the input mode, or to write the
logic value of the signal to be output on the lines
configured in the output mode. The port Data Reg-
isters can be read to get the effective logic levels of
the pins, but they can be also written by the user
software, in conjunction with the related Data Di-
rection Register, to select the different input mode
options. Single-bit operations on I/O registers (bit
set/reset instructions) are possible but care is nec-
essary because reading in input mode is made
from I/O pins and therefore might be influenced by
the external load, while writing will directly affect
the Port data register causing an undesired
changes of the input configuration. The three Data
Direction registers (DDRA, DDRB, DDRC) allow
the selection of the direction of each pin (input or
output).
All the I/O registers can be read or written as any
other RAM location of the data space, so no extra
RAM cell is needed for port data storing and ma-
nipulation. During the initialization of the MCU, all
the I/O registers are cleared and the input mode
with pull-up is selected on all the pins thusavoiding
pin conflicts (with the exception of PC2 that is set in
output mode and is set high ie. high impedance).
Details of I/O Ports
When programmed as an input a pull-up resistor (if
available) can be switched active under program
control. When programmed as an output the I/O
port will operate either in the push-pull mode or the
open-drain mode according to the hardware fixed
configuration as specified below.
Port A. PA0-PA3 are available as push-pull when
outputs. PA4-PA7 are available as open-drain (no
push-pull programmability) capable of withstand-
ing 12V (no resistive pull-up in input mode). PA6-
PA7 has been specially designed for higher driving
capability and are able to sink 25mA with a maxi-
mum VOL of 1V.
Port B. All lines are configured as push-pull when
outputs.
Port C. PC0-PC3 are available as open-drain ca-
pable of withstanding a maximum VDD+0.3V. PC4-
PC7 are available as open-drain capable of
withstanding 12V (no resistive pull-up in input
mode). Some lines are also used as I/O buffers for
signals coming from the on-chip SPI.
In this case the final signal on the output pin is
equivalent to a wired AND with the programmed
data output.
If the user needs to use the serial peripheral, the
I/O line should be set in output mode while the
open-drain configuration is hardware fixed; the
corresponding data bit must set to one. If the
latched interrupt functions are used (IRIN, PWRIN)
then the corresponding pins should be set to input
mode.
On ST639x the I/O pins with double or special
functions are:
-
PC0/SCL (connected to the SPI clock signal)
-
PC1/SDA (connected to the SPI data signal)
-
PC3/SEN (connected to the SPI enable signal)
-
PC4/PWRIN (connected to the PWRIN inter-
rupt latch)
-
PC6/IRIN (connected to the IRIN interrupt
latch)
All the Port A,B and C I/O lines have Schmitt-trig-
ger input configuration with a typical hysteresis of
1V.
®
ST6391,92,93,95,97,99
25/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com