Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6395 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST6395
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6395 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST6395 Datasheet HTML 26Page - STMicroelectronics ST6395 Datasheet HTML 27Page - STMicroelectronics ST6395 Datasheet HTML 28Page - STMicroelectronics ST6395 Datasheet HTML 29Page - STMicroelectronics ST6395 Datasheet HTML 30Page - STMicroelectronics ST6395 Datasheet HTML 31Page - STMicroelectronics ST6395 Datasheet HTML 32Page - STMicroelectronics ST6395 Datasheet HTML 33Page - STMicroelectronics ST6395 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
PA7-PA0. These are the I/O port A data bits. Reset
at power-on.
PB7-PB0. These are the I/O port B data bits. Reset
at power-on.
PC7-PC0. Set to 04h at power-on. Bit 2 (PC2 pin)
is set to one (open drain therefore high im-
pedence).
PA7-PA0. These are the I/O port A data direction
bits. When a bit is cleared to zero the related I/O
line is in input mode, if bit is set to one the related
I/O line is in output mode. Reset at power-on.
PB7-PB0. These are the I/O port B data direction
bits. When a bit is cleared to zero the related I/O
line is in input mode, if bit is set to one the related
I/O line is in output mode. Reset at power-on.
PC7-PC0. These are the I/O port C data direction
bits. When a bit is cleared to zero the related I/O
line is in input mode, if bit is set to one the related
I/O line is in output mode. Set to 04h at power-on.
Bit 2 (PC2 pin) is set to one (output mode se-
lected).
DDR
DR
Mode
Option
0
0
Input
With on-chip pull-up
resistor
0
1
Input
Without on-chip pull-up resistor
1
X
Output
Open-drain or Push-Pull
Note: X: Means don’t care.
Table 8. I/O Port Options Selection
DRA, DRB, DRC
Port A, B, C Data Register
( C0h PA, C1h PB, C2h PC Read/ Write )
D7 D6 D5 D4 D3 D2 D1 D0
A0 - PA7 = Data Bits
PB0 - PB7 = Data Bits
PC0 - PC7 = Data Bits
Figure 28. Port A, B, C Data Register
DDRA, DDRB,DDRC
Port A, B, C Data Direction Register
( C4h PA, C5h PB, C6h PC Read/ Write )
D7 D6 D5 D4 D3 D2 D1 D0
PA0 - PA7 = Data Direction Bits
PB0 - PB7 = Data Direction Bits
PC0 - PC7 = Data Direction Bits
“0” Defines bit as Inpu t
”1” Defines bit as Outpu t
Figure 29. Port A, B, C Data Register
I/O Pin Programming
Each pin can be individually programmed as input or
output with different input and output configurations.
This is achieved by writing to the relevant bit in the
data (DR) and data direction register (DDR). Table
8 shows all the port configurations that can be se-
lected by the user software.
INPUT/OUTPUT PORTS (Continued)
®
ST6391,92,93,95,97,99
26/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com