Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 144Page - STMicroelectronics ST723219 Datasheet HTML 145Page - STMicroelectronics ST723219 Datasheet HTML 146Page - STMicroelectronics ST723219 Datasheet HTML 147Page - STMicroelectronics ST723219 Datasheet HTML 148Page - STMicroelectronics ST723219 Datasheet HTML 149Page - STMicroelectronics ST723219 Datasheet HTML 150Page - STMicroelectronics ST723219 Datasheet HTML 151Page - STMicroelectronics ST723219 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 185 page
background image
ST72321
148/185
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
Notes:
1. Resonator characteristics given by the ceramic resonator manufacturer.
2. tSU(OSC) is the typical oscillator start-up time measured between VDD=2.8V and the fetch of the first instruction (with a
quick VDD ramp-up from 0 to 5V (<50µs).
3. Resonators all have different characteristics. Contact the manufacturer to obtain the appropriate values of external
components and to verify oscillator performance.
4. 3rd overtone resonators require specific validation by the resonator manufacturer.
Oscil.
Typical Ceramic Resonators (information for guidance only)
CL1
[pF]
CL2
[pF]
tSU(osc)
[ms] 2)
Reference3)
Freq.
Characteristic 1)
LP
CSA2.00MG
2MHz
∆f
OSC=[±0.5%tolerance,±0.3%
∆Ta,±0.3%aging,±x.x%correl]22
22
4
MP
CSA4.00MG
4MHz
∆f
OSC=[±0.5%tolerance,±0.3%
∆Ta,±0.3%aging,±x.x%correl]22
22
2
MS
CSA8.00MTZ
8MHz
∆f
OSC=[±0.5%tolerance,±0.5%
∆Ta,±0.3%aging,±x.x%correl]33
33
1
HS
CSA16.00MXZ0404)
16MHz
∆f
OSC=[±0.5%tolerance,±0.3%
∆Ta,±0.3%aging,±x.x%correl] 33
33
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com