Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 140Page - STMicroelectronics ST723219 Datasheet HTML 141Page - STMicroelectronics ST723219 Datasheet HTML 142Page - STMicroelectronics ST723219 Datasheet HTML 143Page - STMicroelectronics ST723219 Datasheet HTML 144Page - STMicroelectronics ST723219 Datasheet HTML 145Page - STMicroelectronics ST723219 Datasheet HTML 146Page - STMicroelectronics ST723219 Datasheet HTML 147Page - STMicroelectronics ST723219 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 185 page
background image
ST72321
144/185
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
12.4.5 HALT and ACTIVE-HALT Modes
Notes:
1. All I/O pins in push-pull 0 mode (when applicable) with a static value at VDD or VSS (no load), CSS and LVD disabled.
Data based on characterization results, tested in production at VDD max. and fCPU max.
2. Data based on characterisation results, not tested in production. All I/O pins in push-pull 0 mode (when applicable) with
a static value at VDD or VSS (no load); clock input (OSC1) driven by external square wave, CSS and LVD disabled. To
obtain the total current consumption of the device, add the clock source consumption (Section 12.5.3 and Section 12.5.4).
12.4.6 Supply and Clock Managers
The previous current consumption specified for the ST7 functional operating modes over temperature
range does not take into account the clock source current consumption. To get the total device consump-
tion, the two current values must be added (except for HALT mode).
Notes:
1. Data based on characterisation results, not tested in production.
2. Data based on characterization results done with the external components specified in Section 12.5.3, not tested in
production.
3. As the oscillator is based on a current source, the consumption does not depend on the voltage.
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in HALT mode 1)
VDD=5.5V
-40°C
≤T
A≤+85°C
10
µA
-40°C
≤T
A≤+125°C
50
IDD
Supply current in ACTIVE-HALT mode 2)
fOSC = 16 MHz, VDD= 5V
650
No max.
guaran-
teed
µA
Symbol
Parameter
Conditions
Typ
Max 1)
Unit
IDD(RCINT) Supply current of internal RC oscillator
625
µA
IDD(RES)
Supply current of resonator oscillator 2) & 3)
see Section
12.5.3 on page
147
IDD(PLL)
PLL supply current
VDD= 5V
360
IDD(CSS)
Clock security system supply current
VDD= 5V
250
IDD(LVD)
LVD supply current
HALT mode, VDD= 5V
150
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com