Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 136Page - STMicroelectronics ST723219 Datasheet HTML 137Page - STMicroelectronics ST723219 Datasheet HTML 138Page - STMicroelectronics ST723219 Datasheet HTML 139Page - STMicroelectronics ST723219 Datasheet HTML 140Page - STMicroelectronics ST723219 Datasheet HTML 141Page - STMicroelectronics ST723219 Datasheet HTML 142Page - STMicroelectronics ST723219 Datasheet HTML 143Page - STMicroelectronics ST723219 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 185 page
background image
ST72321
140/185
12.3.3 Auxiliary Voltage Detector (AVD) Thresholds
Subject to general operating conditions for VDD, fCPU, and TA.
1. Data based on characterization results, not tested in production.
12.3.4 External Voltage Detector (EVD) Thresholds
Subject to general operating conditions for VDD, fCPU, and TA.
1. Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(AVD)
1
⇒0 AVDF flag toggle threshold
(VDD rise)
VD level = High in option byte
4.4 1)
4.6
4.9
V
VD level = Med. in option byte
VD level = Low in option byte
3.95 1)
3.4 1)
4.15
3.6
4.41)
3.81)
VIT-(AVD)
0
⇒1 AVDF flag toggle threshold
(VDD fall)
VD level = High in option byte
4.2
4.4
4.65 1)
VD level = Med. in option byte
VD level = Low in option byte
3.751)
3.21)
4.0
3.4
4.2 1)
3.6 1)
Vhys(AVD)
AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
200
mV
∆V
IT-
Voltage drop between AVD flag set
and LVD reset activated
VIT-(AVD)-VIT-(LVD)
450
mV
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(EVD)
1
⇒0 AVDF flag toggle threshold
(VDD rise)
1)
1.15
1.26
1.35
V
VIT-(EVD)
0
⇒1 AVDF flag toggle threshold
(VDD fall)
1)
1.1
1.2
1.3
Vhys(EVD)
EVD voltage threshold hysteresis
VIT+(EVD)-VIT-(EVD)
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com