Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST723219 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 138Page - STMicroelectronics ST723219 Datasheet HTML 139Page - STMicroelectronics ST723219 Datasheet HTML 140Page - STMicroelectronics ST723219 Datasheet HTML 141Page - STMicroelectronics ST723219 Datasheet HTML 142Page - STMicroelectronics ST723219 Datasheet HTML 143Page - STMicroelectronics ST723219 Datasheet HTML 144Page - STMicroelectronics ST723219 Datasheet HTML 145Page - STMicroelectronics ST723219 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 185 page
background image
ST72321
142/185
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
12.4.2 WAIT and SLOW WAIT Modes (Flash devices)
Figure 73. Typical IDD in WAIT vs. fCPU
Figure 74. Typical IDD in SLOW-WAIT vs. fCPU
Notes:
1. Data based on characterization results, tested in production at VDD max. and fCPU max.
2. Measurements are done in the following conditions:
- Progam executed from RAM, CPU running with RAM access. The increase in consumption when executing from Flash
is 50%.
- All I/O pins in input mode with a static value at VDD or VSS (no load)
- All peripherals in reset state.
- CSS and LVD disabled.
- Clock input (OSC1) driven by external square wave.
- In SLOW and SLOW WAIT mode, fCPU is based on fOSC divided by 32.
To obtain the total current consumption of the device, add the clock source (Section 12.5.3 and Section 12.5.4) and the
peripheral power consumption (Section 12.4.7).
Symbol
Parameter
Conditions
Typ
Max 1)
Unit
IDD
Supply current in WAIT mode 2)
(see Figure 73)
fOSC=2MHz, fCPU=1MHz
fOSC=4MHz, fCPU=2MHz
fOSC=8MHz, fCPU=4MHz
fOSC=16MHz, fCPU=8MHz
1.0
1.5
2.5
4.5
3.0
4.0
5.0
7.0
mA
Supply current in SLOW WAIT mode 2)
(see Figure 74)
fOSC=2MHz, fCPU=62.5kHz
fOSC=4MHz, fCPU=125kHz
fOSC=8MHz, fCPU=250kHz
fOSC=16MHz, fCPU=500kHz
0.58
0.65
0.77
1.05
1.2
1.3
1.8
2.0
mA
0
1
2
3
4
5
6
3.2
3.6
4
4.4
4.8
5.2
5.5
Vdd (V)
8MHz
4MHz
2MHz
1MHz
0.00
0.20
0.40
0.60
0.80
1.00
1.20
3.2
3.6
4
4.4
4.8
5.2
5.5
Vdd (V)
500kHz
250kHz
125kHz
62.5kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com