Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72101G2M3 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST72101G2M3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G2M3 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST72101G2M3 Datasheet HTML 69Page - STMicroelectronics ST72101G2M3 Datasheet HTML 70Page - STMicroelectronics ST72101G2M3 Datasheet HTML 71Page - STMicroelectronics ST72101G2M3 Datasheet HTML 72Page - STMicroelectronics ST72101G2M3 Datasheet HTML 73Page - STMicroelectronics ST72101G2M3 Datasheet HTML 74Page - STMicroelectronics ST72101G2M3 Datasheet HTML 75Page - STMicroelectronics ST72101G2M3 Datasheet HTML 76Page - STMicroelectronics ST72101G2M3 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
73/84
ST72101/ST72212/ST72213
6.3 DC ELECTRICAL CHARACTERISTICS
(TA = -40°C to +125°C and VDD = 5V unless otherwise specified)
Notes:
1. Hysteresis voltage between switching levels. Based on characterisation results, not tested.
2. CPU running with memory access, no DC load or activity on I/O’s; clock input (OSCIN) driven by external square wave.
3. No DC load or activity on I/O’s; clock input (OSCIN) driven by external square wave.
4. Except OSCIN and OSCOUT
5. WAIT Mode with SLOW Mode selected. Based on characterisation results, not tested.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIL
Input Low Level Voltage
All Input pins
3V < VDD < 5.5V
VDD x 0.3
V
VIH
Input High Level Voltage
All Input pins
3V < VDD < 5.5V
VDD x 0.7
V
VHYS
Hysteresis Voltage 1)
All Input pins
400
mV
VOL
Low Level Output Voltage
All Output pins
IOL =+10µA
IOL = + 2mA
0.1
0.4
V
Low Level Output Voltage
High Sink I/O pins
IOL =+10µA
IOL = +10mA
IOL = + 15mA
IOL = + 20mA, TA =85°Cmax
0.1
1.5
3.0
3.0
VOH
High Level Output Voltage
All Output pins
IOH =- 10µA
IOH = - 2mA
4.9
4.2
V
IIL
IIH
Input Leakage Current
All Input pins but RESET 4)
VIN =VSS (No Pull-up configured)
VIN =VDD
0.1
1.0
µA
IIH
Input Leakage Current
RESET pin
VIN =VDD
0.1
1.0
RON
Reset Weak Pull-up R
ON
VIN >VIH
VIN <VIL
20
60
40
120
80
240
k
Ω
RPU
I/O Weak Pull-up RPU
VIN <VIL
100
k
Ω
IDD
Supply Current in
RUN Mode 2)
fOSC = 4 MHz, fCPU =2 MHz
fOSC = 8 MHz, fCPU =4 MHz
fOSC = 16 MHz, fCPU = 8 MHz
3
5.5
10
6
11
20
mA
Supply Current in SLOW Mode 2)
fOSC = 4 MHz, fCPU= 125 kHz
fOSC = 8 MHz, fCPU= 250 kHz
fOSC = 16 MHz, fCPU= 500 kHz
1.5
2.5
4
3
5
8
mA
Supply Current in WAIT Mode 3)
fOSC = 4MHz, fCPU = 2MHz
fOSC = 8MHz, fCPU = 4 MHz
fOSC = 16MHz, fCPU =8 MHz
2
3.5
6
4
7
12
mA
Supply Current in WAIT-MINI-
MUM Mode5)
fOSC = 4 MHz, fCPU= 125 kHz
fOSC = 8 MHz, fCPU= 250 kHz
fOSC = 16 MHz, fCPU= 500 kHz
0.8
1
1.6
1.5
2
3.5
mA
Supply Current in HALT Mode
ILOAD =0mA, TA =85°Cmax
ILOAD =0mA
1
5
10
20
µA
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com