Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72101G2M3 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST72101G2M3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G2M3 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST72101G2M3 Datasheet HTML 13Page - STMicroelectronics ST72101G2M3 Datasheet HTML 14Page - STMicroelectronics ST72101G2M3 Datasheet HTML 15Page - STMicroelectronics ST72101G2M3 Datasheet HTML 16Page - STMicroelectronics ST72101G2M3 Datasheet HTML 17Page - STMicroelectronics ST72101G2M3 Datasheet HTML 18Page - STMicroelectronics ST72101G2M3 Datasheet HTML 19Page - STMicroelectronics ST72101G2M3 Datasheet HTML 20Page - STMicroelectronics ST72101G2M3 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
17/84
ST72101/ST72212/ST72213
3.2 RESET
3.2.1 Introduction
There are three sources of Reset:
– RESET pin (external source)
– Power-On Reset (Internal source)
– WATCHDOG (Internal Source)
The Reset Service Routine vector is located at ad-
dress FFFEh-FFFFh.
3.2.2 External Reset
The RESET pin is both an input and an open-drain
output with integrated pull-up resistor. When one
of the internal Reset sources is active, the Reset
pin is driven low , for a duration of tRESET, to reset
the whole application.
3.2.3 Reset Operation
The duration of the Reset state is a minimum of
4096 internal CPU Clock cycles. During the Reset
state, all I/Os take their reset value.
A Reset signal originating from an external source
must have a duration of at least tPULSE in order to
be recognised. This detection is asynchronous
and therefore the MCU can enter Reset state even
in Halt mode.
At the end of the Reset cycle, the MCU may be
held in the Reset state by an External Reset sig-
nal. The RESET pin may thus be used to ensure
VDD has risen to a point where the MCU can oper-
ate correctly before the user program is run. Fol-
lowing a Reset event, or after exiting Halt mode, a
4096 CPU Clock cycle delay period is initiated in
order to allow the oscillator to stabilise and to en-
sure that recovery has taken place from the Reset
state.
In the high state, the RESET pin is connected in-
ternally to a pull-up resistor (RON). This resistor
can be pulled low by external circuitry to reset the
device.
The RESET pin is an asynchronous signal which
plays a major role in EMS performance. In a noisy
environment, it is recommended to use the exter-
nal connections shown in Figure 8.
3.2.4 Power-on Reset
This circuit detects the ramping up of VDD, and
generates a pulse that is used to reset the applica-
tion (at approximately VDD= 2V).
Power-On Reset is designed exclusively to cope
with power-up conditions, and should not be used
in order to attempt to detect a drop in the power
supply voltage.
Caution:
to re-initialize the Power-On Reset, the
power supply must fall below approximately 0.8V
(Vtn), prior to rising above 2V. If this condition is
not respected, on subsequent power-up the Reset
pulse may not be generated. An external Reset
pulse may be required to correctly reactivate the
circuit.
Figure 15. Reset Block Diagram
INTERNAL
RESET
WATCHDOG RESET
OSCILLATOR
SIGNAL
RESET
TO ST7
RESET
POWER-ON RESET
VDD
RON
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com