Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72101G2M3 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST72101G2M3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G2M3 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST72101G2M3 Datasheet HTML 12Page - STMicroelectronics ST72101G2M3 Datasheet HTML 13Page - STMicroelectronics ST72101G2M3 Datasheet HTML 14Page - STMicroelectronics ST72101G2M3 Datasheet HTML 15Page - STMicroelectronics ST72101G2M3 Datasheet HTML 16Page - STMicroelectronics ST72101G2M3 Datasheet HTML 17Page - STMicroelectronics ST72101G2M3 Datasheet HTML 18Page - STMicroelectronics ST72101G2M3 Datasheet HTML 19Page - STMicroelectronics ST72101G2M3 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
16/84
ST72101/ST72212/ST72213
3 CLOCKS, RESET, INTERRUPTS & POWER SAVING MODES
3.1 CLOCK SYSTEM
3.1.1 General Description
The MCU accepts either a Crystal or Ceramic res-
onator, or an external clock signal to drive the in-
ternal oscillator. The internal clock (fCPU) is de-
rived from the external oscillator frequency (fOSC).
The external Oscillator clock is first divided by 2,
and division factor of 32 can be applied if Slow
Mode is selected by setting the SMS bit in the Mis-
cellaneous Register. This reduces the frequency
of the fCPU; the clock signal is also routed to the
on-chip peripherals.
The internal oscillator is designed to operate with
an AT-cut parallel resonant quartz crystal resona-
tor in the frequency range specified for fosc.The
circuit shown in Figure 13 is recommended when
using a crystal, and Table 6 lists the recommend-
ed capacitance and feedback resistance values.
The crystal and associated components should be
mounted as close as possible to the input pins in
order to minimize output distortion and start-up
stabilisation time.
Use of an external CMOS oscillator is recom-
mended when crystals outside the specified fre-
quency ranges are to be used.
Table 6. Recommended Values for 16 MHz
Crystal Resonator (C0<7pF)
C0: parasitic shunt capacitance of the quartz crys-
tal.
RSMAX: equivalent serial resistor of the crystal (up-
er limit, see crystal specification).
COSCOUT,COSCIN: maximum total capacitance on
OSCIN and OSCOUT, including the external ca-
pacitance plus the parasitic capacitance of the
board and the device.
Figure 12. External Clock Source Connections
Figure 13. Crystal/Ceramic Resonator
Figure 14. Clock Prescaler Block Diagram
RSMAX
40
Ω
60
Ω
150
Ω
COSCIN
56pF
47pF
22pF
COSCOUT
56pF
47pF
22pF
OSCIN
OSCOUT
EXTERNAL
CLOCK
NC
OSCIN
OSCOUT
COSCIN
COSCOUT
OSCIN
OSCOUT
COSCIN
COSCOUT
%2
% 16
fCPU
to CPU and
Peripherals
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com