Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72101G2M3 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST72101G2M3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G2M3 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST72101G2M3 Datasheet HTML 18Page - STMicroelectronics ST72101G2M3 Datasheet HTML 19Page - STMicroelectronics ST72101G2M3 Datasheet HTML 20Page - STMicroelectronics ST72101G2M3 Datasheet HTML 21Page - STMicroelectronics ST72101G2M3 Datasheet HTML 22Page - STMicroelectronics ST72101G2M3 Datasheet HTML 23Page - STMicroelectronics ST72101G2M3 Datasheet HTML 24Page - STMicroelectronics ST72101G2M3 Datasheet HTML 25Page - STMicroelectronics ST72101G2M3 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
22/84
ST72101/ST72212/ST72213
POWER SAVING MODES (Cont’d)
3.4.4 Halt Mode
The Halt mode is the MCU lowest power con-
sumption mode. The Halt mode is entered by exe-
cuting the HALT instruction. The internal oscillator
is then turned off, causing all internal processing to
be stopped, including the operation of the on-chip
peripherals. The Halt mode cannot be used when
the watchdog is enabled, if the HALT instruction is
executed while the watchdog system is enabled, a
watchdog reset is generated thus resetting the en-
tire MCU.
When entering Halt mode, the I bit in the CC Reg-
ister is cleared so as to enable External Interrupts.
If an interrupt occurs, the CPU becomes active.
The MCU can exit the Halt mode upon reception of
an interrupt or a reset. Refer to the Interrupt Map-
ping Table. The oscillator is then turned on and a
stabilization time is provided before releasing CPU
operation. The stabilization time is 4096 CPU clock
cycles.
After the start up delay, the CPU continues oper-
ation by servicing the interrupt which wakes it up or
by fetching the reset vector if a reset wakes it up.
Figure 18. HALT Flow Chart
N
N
EXTERNAL
INTERRUPT1)
RESET
HALT INSTRUCTION
4096 CPU CLOCK
FETCH RESET VECTOR
OR SERVICE INTERRUPT
CYCLES DELAY
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK2)
I-BIT
ON
OFF
SET
ON
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I-BIT
OFF
OFF
CLEARED
OFF
Y
Y
WDG
ENABLED?
N
Y
RESET
WATCHDOG
1) or some specific interrupts
Note: Before servicing an interrupt, the CC register is
pushed on the stack. The I-Bit is set during the inter-
rupt routine and cleared when the CC register is
popped.
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I-BIT
ON
ON
SET
ON
2) if reset PERIPH. CLOCK = ON ; if interrupt
PERIPH. CLOCK = OFF
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com