Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72101G2M3 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST72101G2M3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G2M3 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST72101G2M3 Datasheet HTML 76Page - STMicroelectronics ST72101G2M3 Datasheet HTML 77Page - STMicroelectronics ST72101G2M3 Datasheet HTML 78Page - STMicroelectronics ST72101G2M3 Datasheet HTML 79Page - STMicroelectronics ST72101G2M3 Datasheet HTML 80Page - STMicroelectronics ST72101G2M3 Datasheet HTML 81Page - STMicroelectronics ST72101G2M3 Datasheet HTML 82Page - STMicroelectronics ST72101G2M3 Datasheet HTML 83Page - STMicroelectronics ST72101G2M3 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
82/84
ST72101/ST72212/ST72213
7.3 ORDERING INFORMATION
Each device is available for production in user pro-
grammable version (OTP) as well as in factory
coded version (ROM). OTP devices are shipped to
customer with a default blank content FFh, while
ROM factory coded parts contain the code sent by
customer. There is one common EPROM version
for debugging and prototyping which features the
maximum memory size and peripherals of the
family. Care must be taken to only use resources
available on the target device.
7.3.1 Transfer Of Customer Code
Customer code is made up of the ROM contents
and the list of the selected options (if any). The
ROM contents are to be sent on diskette, or by
electronic means, with the hexadecimal file in .S19
format generated by the development tool. All un-
used bytes must be set to FFh.
The selected options are communicated to STMi-
croelectronics using the correctly completed OP-
TION LIST appended.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Figure 54. ROM Factory Coded Device Types
Figure 55. OTP User Programmable Device Types
Note: The ST72E251G2D0 (CERDIP 25
°C) is used as the EPROM version for the above devices.
DEVICE PACKAGE
TEMP.
RANGE
XXX
/
Code name (defined by STMicroelectronics)
1 = standard 0 to +70
°C
3 = automotive -40 to +125
°C
6 = industrial -40 to +85
°C
B = Plastic DIP
M = Plastic SOIC
ST72101G1
ST72101G2
ST72212G2
ST72213G1
DEVICE PACKAGE
TEMP.
RANGE
Option (if any)
3 = automotive -40 to +125
°C
6 = industrial -40 to +85
°C
B = Plastic DIP
M = Plastic SOIC
ST72T101G1
ST72T101G2
ST72T212G2
ST72T213G1
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com