Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7537 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7537
Description  HOME AUTOMATION MODEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7537 Datasheet(HTML) 7 Page - STMicroelectronics

  ST7537 Datasheet HTML 1Page - STMicroelectronics ST7537 Datasheet HTML 2Page - STMicroelectronics ST7537 Datasheet HTML 3Page - STMicroelectronics ST7537 Datasheet HTML 4Page - STMicroelectronics ST7537 Datasheet HTML 5Page - STMicroelectronics ST7537 Datasheet HTML 6Page - STMicroelectronics ST7537 Datasheet HTML 7Page - STMicroelectronics ST7537 Datasheet HTML 8Page - STMicroelectronics ST7537 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FILTER TEMPLATES
Receive and Transmit Filter
Intermediate FrequencyFilter
Frequency
(kHz)
Gain (dB)
Frequency
(kHz)
Gain (dB)
Min.
Typ.
Max.
Min.
Typ.
Max.
92
- 30
2.4
- 35
126.45
- 5
- 3
- 2
4.3
- 4
- 3
- 1
Ref 132.45
0
Ref 5.4
0
138.45
- 5
- 3
- 2
6.5
- 5
- 3
- 2
180
- 30
11.6
- 35
APPLICATION SCHEMATIC INFORMATIONS
RESISTORS
CAPACITORS
R1
180
Ω
C1
1
µF
Ceramic 50
R2
2.2
Ω
C2
470nF
Paper, class X2
R3
2.2
Ω
C3 (2)
22pF
10%
Ceramic 10V
R4
2.2
Ω
C4 (2)
22pF
10%
Ceramic 10V
R5
2.2
Ω
C5
100nF
10%
Ceramic 10V
R6
180
Ω
C6
6.8nF
5%
Plastic Film 50V
R7
47k
Ω
C7
100nF
Ceramic 10V
R8
1k
Ω
C8
2.2
µF
R9
1k
Ω
5%
C9
100nF
Ceramic 10V
R11
47k
Ω
C10
2.2
µF
INDUCTOR
C11 (1)
100nF
Ceramic 10V
L1
10
µH
≅ 1.5Ω
C12 (1)
100nF
Ceramic 10V
TRANSISTORS
TRANSIL
Q1 : 2N2907
Q2 : 2N2222
Q3 : 2N2222
Q4 : 2N2907
Q5 : 2N2907
Q6 : 2N2222
TRL1 : SGS-THOMSON P6KE6V8CP
TRANSFORMER
TR1 : TOKO T1002 N
CRYSTAL
QTZ1 : 11.0592MHz parallel resonance
Notes :
1.
These capacitors might not be necessary if the overall power supplies decoupling is sufficient.
2.
The value of these capacitors depends on the crystal parameters.
ST7537HS1
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com