Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7537 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST7537
Description  HOME AUTOMATION MODEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7537 Datasheet(HTML) 4 Page - STMicroelectronics

  ST7537 Datasheet HTML 1Page - STMicroelectronics ST7537 Datasheet HTML 2Page - STMicroelectronics ST7537 Datasheet HTML 3Page - STMicroelectronics ST7537 Datasheet HTML 4Page - STMicroelectronics ST7537 Datasheet HTML 5Page - STMicroelectronics ST7537 Datasheet HTML 6Page - STMicroelectronics ST7537 Datasheet HTML 7Page - STMicroelectronics ST7537 Datasheet HTML 8Page - STMicroelectronics ST7537 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ADDITIONAL DIGITAL AND ANALOG FUNC-
TIONS
Time base
A time base section delivers all the internal clocks
from a crystal oscillator (11.0592MHz). The crystal
is connected between XTAL1 and XTAL2 pins and
needs two external capacitors C3 and C4 (22pF
±10%, 10V) for proper operation.
Reset and watch-dog
The reset output (RSTO) is driven high when the
supply voltage is lower than Vrh (typically 7.6V) with
an hysteresis Vrh-Vrl (typically 300mV) or when no
negative transition occurs on the watch-dog input
(WD) for more than 1.5 second (see the timing
chart on Figure 2). When a reset occurs RSTO is
held high for at least 50ms.
Signal detection
The Carrier Detect output (CD) is driven low when
the input signal amplitude on RAI is greater than
VCD for at least TCD (typically 6ms see the timing
chart on Figure 3). When the input signal desap-
pears or becomes lower than VCD, CD is held low
for at least Tcd before returning to a high level. VCD
is the carrier detection threshold voltage which is
set internally to detect 5mVRMS typically.
External power amplifier bias control
Two dedicated digital output (PABC and PABC)
delivering a signal between 0V and 10V are driven
low respectively high, when the circuit is set in the
receive mode (Rx/Tx=1) or when the transmit mode
time out (1 second) is exceeded; in the same time
the output ATO is put in a high impedance state.
TESTING FEATURES
- An additionnal amplifier allows the observation of
the Rx band-pass filter output on pin RxFO.
- A direct input to the Tx band-pass filter and to the
IF filter (TxIFI) is selected when TEST3 = 1.
- The 1 second normal duration of the Tx to Rx
mode automatic switching is reduced to 488
µs
and the 1.5 second watch-dog time out is reduced
to 46.3
µs when TEST2 = 1.
- When TEST1 = 1 the Tx to Rx mode automatic
switching is desactivated and the functional mode
of the circuit is fully controlled by Rx/Tx.
- TEST4 is a reset input which allows an undelayed
control of RSTO and of the internal state of the
circuit.
POWER SUPPLIES WIRING PRECAUTIONS
The ST7537HS1 has two positive power supply
terminals (AVDD,DVDD) and two ground terminals
(AVSS,DVSS) in order to separate internal analog
and digital supplies. The analog and digital termi-
nals of each supply pair must be connected to-
gether externally for proper operation.
The VDD must be protected against short-circuit for
proper operation.
Rx/Tx
CD
TxD
RxD
DATA
DATA
Figure 1 : Data Timing Chart
ST7537HS1
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com