Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7537 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST7537
Description  HOME AUTOMATION MODEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7537 Datasheet(HTML) 2 Page - STMicroelectronics

  ST7537 Datasheet HTML 1Page - STMicroelectronics ST7537 Datasheet HTML 2Page - STMicroelectronics ST7537 Datasheet HTML 3Page - STMicroelectronics ST7537 Datasheet HTML 4Page - STMicroelectronics ST7537 Datasheet HTML 5Page - STMicroelectronics ST7537 Datasheet HTML 6Page - STMicroelectronics ST7537 Datasheet HTML 7Page - STMicroelectronics ST7537 Datasheet HTML 8Page - STMicroelectronics ST7537 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN DESCRIPTION
Pin
Name
Pin
Number
Pin
Type
Description
VCM
1
Analog
Common Mode Voltage
AVDD
2
Supply
Analog Power Supply : 10V
±5 %
RAI
3
Analog
Receive Analog Input
RxFO
4
Analog
Receive Filter Output
TxIFI
5
Analog
Transmit and Intermediate Frequency Filters Test Input (mode TEST3)
PAFB
6
Analog
Power Amplifier Feed-back Input
ATO
7
Analog
Analog Transmit Output
PABC
8
Digital (10V)
Power Amplifier Bias Current Control Complementary Output
PABC
9
Digital (10V)
Power Amplifier Bias Current Control Output
TEST1
10
Digital
Tx to Rx Automatic Mode Switching Control Input
TEST2
11
Digital
Automatic Mode Switching Time and Watch-dog Time Reduction Control Input
TEST3
12
Digital
TxIFI Selection Input
TEST4
13
Digital
Undelayed Reset Input
DVDD
14
Supply
Digital Power Supply : 10V
±5%
DVSS
15
Supply
Digital Ground : 0V
XTAL1
16
Digital (10V)
Crystal Oscillator Input
XTAL2
17
Digital (10V)
Crystal Oscillator Output
MCLK
18
Digital
Master Clock Output
WD
19
Digital
Watch-dog Input
Rx/Tx
20
Digital
Rx or Tx Mode Selection Input
CD
21
Digital
Carrier Detect Output
TxD
22
Digital
Transmit Data Input
RxD
23
Digital
Receive Data Output
RSTO
24
Digital
Reset Output
DVCC
25
Supply
Digital Buffers Supply Voltage : 5V
±5 %
IFO
26
Analog
Intermediate Frequency Filter Output
DEMI
27
Analog
Demodulator Input
AVSS
28
Supply
Analog Ground : 0V
ST7537HS1
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com