Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7537 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7537
Description  HOME AUTOMATION MODEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7537 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7537 Datasheet HTML 1Page - STMicroelectronics ST7537 Datasheet HTML 2Page - STMicroelectronics ST7537 Datasheet HTML 3Page - STMicroelectronics ST7537 Datasheet HTML 4Page - STMicroelectronics ST7537 Datasheet HTML 5Page - STMicroelectronics ST7537 Datasheet HTML 6Page - STMicroelectronics ST7537 Datasheet HTML 7Page - STMicroelectronics ST7537 Datasheet HTML 8Page - STMicroelectronics ST7537 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ST7537HS1
HOME AUTOMATION MODEM
June 1995
5
6
7
8
9
10
11
19
20
21
22
23
24
25
DVCC
RSTO
RxD
TxD
CD
Rx/Tx
WD
PAFB
ATO
PABC
PABC
TEST1
TEST2
TxIFI
PIN CONNECTIONS
PLCC28
(Plastic Chip Carrier)
ORDER CODE : ST7537HS1
.
HALF DUPLEX ASYNCHRONOUS 2400bps
FSK MODEM
.
Tx CARRIER FREQUENCY SYNTHESIZED
FROM EXTERNAL CRYSTAL
.
LOW DISTORTION Tx SIGNAL
.
Rx SENSITIVITY BETTER THAN 1mVRMS
.
CARRIER DETECTION
.
WATCH-DOG INPUT
.
RESET AND MASTER CLOCK OUTPUTS
FOR MICROCONTROLLER
.
POWER AMPLIFIER BIAS CURRENT CON-
TROL (HIGH IMPEDANCE IN Rx MODE)
.
SIMPLE AND ECONOMICAL APPLICATION
SCHEMATICS
.
COMPATIBLE WITH CENELEC EN 50065-1
AND FCC SPECIFICATION
.
CARRIER DETECT CLAMPING ON RxD
PROGRAMMABLE (ALLOWING DEMODULA-
TION ON VERY LOW RECEIVE LEVEL,
1mVRMS TYPICALLY)
DESCRIPTION
The ST7537HS1 is a half duplex asynchronous
FSK MODEM designed for home automation com-
munication on the domestic electric mains which
complies with the EN 50065-1 CENELEC stand-
ard.
It mainly operates from a 10V power supply and a
5V power supply for the microcontroller digital in-
terface.
It is interfaced to the power line by an external
driver, and a transformer (see Application Sche-
matic Diagram). Its data transmission rate is
2400 bps and its carrier frequency is 132.45kHz.
1/9


Similar Part No. - ST7537

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
33 x 96 Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
POWER LINE MODEM
Nov-1998
More results

Similar Description - ST7537

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5051 PHILIPS-TDA5051 Datasheet
147Kb / 28P
Home automation modem
1997 Sep 19
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
Home automation modem
1999 May 31
TDA5051ATD-T NXP-TDA5051ATD-T Datasheet
265Kb / 29P
Home automation modem
Rev. 5-13 January 2011
1648290 NXP-1648290 Datasheet
265Kb / 29P
Home automation modem
Rev. 5-13 January 2011
logo
Silicon Laboratories
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
Building and home automation
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
Building and home automation
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
Home and Building Automation
logo
OmniVision Technologies...
OV798 OMNIVISION-OV798 Datasheet
707Kb / 2P
Battery Home Automation Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com