Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7537 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST7537
Description  HOME AUTOMATION MODEM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7537 Datasheet(HTML) 5 Page - STMicroelectronics

  ST7537 Datasheet HTML 1Page - STMicroelectronics ST7537 Datasheet HTML 2Page - STMicroelectronics ST7537 Datasheet HTML 3Page - STMicroelectronics ST7537 Datasheet HTML 4Page - STMicroelectronics ST7537 Datasheet HTML 5Page - STMicroelectronics ST7537 Datasheet HTML 6Page - STMicroelectronics ST7537 Datasheet HTML 7Page - STMicroelectronics ST7537 Datasheet HTML 8Page - STMicroelectronics ST7537 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
AVDD/DVDD
Supply Voltage (1)
- 0.3, + 12
V
VI
Digital Input Voltage
DVSS - 0.3, DVDD + 0.3
V
VO
Digital Output Voltage (microcontroller interface)
DVSS - 0.3, DVCC + 0.3
V
VO
Digital Output Voltage (PABC and PABC)
DVSS - 0.3, DVDD + 0.3
V
IO
Digital Output Current
- 5, + 5
mA
VI
Analog Input Voltage
AVSS - 0.3, AVDD + 0.3
V
VO
Analog Output Voltage
AVSS - 0.3, AVDD + 0.3
V
IO
Analog Output Current
- 5, + 5
mA
PD
Power Dissipation
500
mW
Toper
Operating Temperature
0, + 70
oC
Tstg
Storage Temperature
- 55, + 150
oC
Notes :
1.
The voltages are referenced to AVSS and DVSS.
2.
Absolute maximum ratings are values beyond which damage to device may occur. Functional operation under
these conditions is not implied.
GENERAL ELECTRICAL CHARACTERISTICS
(A/DVDD = 10V, A/DVSS = 0V, DVCC = 5V and 0
oC
≤ Tamb ≤ 70oC, unless otherwise specificied)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
AVDD
DVDD
Supply Voltage
9.5
10
10.5
V
AIDD +
DIDD
Supply Current
30
mA
DVCC
Digital Output Supply Voltage
4.75
5.25
V
DICC
Digital Output Supply Current
1.5
mA
VIH
High Level Input Voltage
Digital Inputs
4.2
V
VIL
Low Level Input Voltage
Digital Inputs
0.8
V
VOH
High Level Output Voltage
IOH = -100
µA
• Digital Outputs
• Digital Outputs PABC and PABC
4.9
9.8
V
V
VOL
Low Level Output Voltage
IOL = 100
µA
• Digital Outputs
• Digital Outputs PABC and PABC
0.1
0.2
V
V
DC
Duty Cycle
MCLK Output, CL = 15pF
40
60
%
TRANSMITTER ELECTRICAL CHARACTERISTICS
(A/DVDD = 10V, A/DVSS = 0V, DVCC = 5V and 0
oC
≤ Tamb ≤ 70oC, unless otherwise specificied)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTAC
Max Carrier Output AC Voltage
RL = 5.6k
Ω
RL(AVSS) = 5.6k
Ω
R(ATO, PAFB) = 1k
Ω
0.8
1.0
1.3
VRMS
HD2
Second Harmonic Distortion
- 50
dB
HD3
Third Harmonic Distortion
- 60
dB
FD
FSK Peak-to-peak Deviation
1200
Hz
ST7537HS1
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com