Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITE2 Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST7LITE2
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE2 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST7LITE2 Datasheet HTML 123Page - STMicroelectronics ST7LITE2 Datasheet HTML 124Page - STMicroelectronics ST7LITE2 Datasheet HTML 125Page - STMicroelectronics ST7LITE2 Datasheet HTML 126Page - STMicroelectronics ST7LITE2 Datasheet HTML 127Page - STMicroelectronics ST7LITE2 Datasheet HTML 128Page - STMicroelectronics ST7LITE2 Datasheet HTML 129Page - STMicroelectronics ST7LITE2 Datasheet HTML 130Page - STMicroelectronics ST7LITE2 Datasheet HTML 131Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 130 / 131 page
background image
ST7LITE2
130/131
17 SUMMARY OF CHANGES
Revision
Main changes
Date
2.0
Modified Caution to pin n°12 (SO20) or pin n°7 (DIP20) in Table 1, “Device Pin Description,”
on page 7
Modified note 5 in section 4.4 on page 13
Added “and the device can be reprogrammed” in section 4.5.1 on page 14
Added note on RC oscillator in section 7 on page 23 (main features) and changed section
7.1 on page 23: removed reference to ST7LITE20 in RCCR table
Changed Figure 13 on page 25 (CLKIN/2, OSC/2)
Added note in section 7.4 on page 26 (external clock source paragraph)
Added note in the description of AWUPR[7:0] bits in section 9.6.0.1 on page 45
Added text specifying that the watchdog counter is a free-running downcounter: Section
11.1.2 and section 11.1.3 on page 51
Added note in the description of OSC option bit and in Table 23, “List of valid option combi-
nations,” on page 124
Changed section 13.7 on page 103
Changed section 13.3.1 on page 93: fCLKIN instead of fOSC
Changed description of WDG HALT option bit (section 15.1 on page 123)
Changed description of FMP_R option bit (section 15.1 on page 123)
Changed Table 26, “Dedicated STMicroelectronics Development Tools,” on page 126
August-03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com