Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9294 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST9294
Description  24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9294 Datasheet(HTML) 1 Page - STMicroelectronics

  ST9294 Datasheet HTML 1Page - STMicroelectronics ST9294 Datasheet HTML 2Page - STMicroelectronics ST9294 Datasheet HTML 3Page - STMicroelectronics ST9294 Datasheet HTML 4Page - STMicroelectronics ST9294 Datasheet HTML 5Page - STMicroelectronics ST9294 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST9294
FUNCTIONAL DESCRIPTION
®
This is Preliminary Data from SGS-THOMSON. Details are subject to change without notice.
May 1993
24K ROM HCMOS MCU WITH
ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
(Ordering Information at the end of the Datasheet)
Register oriented 8/16 bit CORE with
RUN, WFI and HALT modes
Minimum instruction cycle time: 500ns
(12MHz internal)
12 to 32K bytes of ROM,
384/640 bytes of RAM,
224 general purpose registers available as RAM,
accumulators or index registers (Register File)
42-lead Shrink DIP package or
56-lead Shrink DIP package
Interrupt handler and Serial Peripheral Interface
as standard features
31 (42 pin package) / 42 (56 pin package) fully
programmable I/O pins
34 character x15 rows software programmable
On Screen Display module with colour, italic, un-
derline, flash, transparent and fringe attribute
options
Digital Data Slicer extracting closed caption data
from video
8 8-bit PWM D/A outputs with repetition fre-
quency 2 to 32kHz and 12V Open Drain
Capability
16 bit Timer with 8 bit Prescaler, able to be used
as a Watchdog Timer
16-bit programmable Slice Timer with 8-bit pres-
caler
3 channel Analog to Digital Converter, with inte-
gral sample and hold, fast 5.75
µs conversion
time, 6-bit guaranteed resolution
Rich Instruction Set and 14 Addressing modes
Division-by-Zero trap generation
Versatile Development tools, including assembler,
linker, C-compiler, archiver, graphic oriented de-
bugger and hardware emulators
Real Time Operating System
Windowed EPROM parts available for prototyp-
ing and pre-production development phases
PSDIP42
PSDIP56
1/6


Similar Part No. - ST9294

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
ST9291J2 STMICROELECTRONICS-ST9291J2 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
ST9291J3 STMICROELECTRONICS-ST9291J3 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
ST9291J4 STMICROELECTRONICS-ST9291J4 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
ST9291J5 STMICROELECTRONICS-ST9291J5 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
More results

Similar Description - ST9294

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M306V2ME MITSUBISHI-M306V2ME Datasheet
1Mb / 276P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
logo
STMicroelectronics
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.5
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
May-1993
ST92R195B STMICROELECTRONICS-ST92R195B Datasheet
109Kb / 18P
ROMLESS HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.2
ST92185B STMICROELECTRONICS-ST92185B Datasheet
2Mb / 178P
16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
15-Mar-2000
logo
Mitsubishi Electric Sem...
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
STMicroelectronics
ST92195D STMICROELECTRONICS-ST92195D Datasheet
2Mb / 249P
48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
Oct-2003
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com