Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9294 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST9294
Description  24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9294 Datasheet(HTML) 5 Page - STMicroelectronics

  ST9294 Datasheet HTML 1Page - STMicroelectronics ST9294 Datasheet HTML 2Page - STMicroelectronics ST9294 Datasheet HTML 3Page - STMicroelectronics ST9294 Datasheet HTML 4Page - STMicroelectronics ST9294 Datasheet HTML 5Page - STMicroelectronics ST9294 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PIN DESCRIPTION (Continued)
I/O PORT
Name
Function
Alternate Function
Pin Assignment
Port.bit
9294J
9294N
P0.0
I/O
10
12
P0.1
I/O
9
11
P0.2
I/O
8
10
P0.3
I/O
7
9
P0.4
I/O
6
8
P0.5
I/O
5
6
P0.6
I/O
4
5
P0.7
I/O
3
4
P1.0
I/O
-
52
P1.1
I/O
-
51
P1.2
I/O
-
50
P1.3
I/O
-
49
P1.4
I/O
-
48
P1.5
I/O
-
47
P1.6
I/O
-
46
P1.7
I/O
-
45
P2.0
INT7
I
External Interrupt 7 with Schmitt Trigger
1
2
P2.1
INT5
I
External Interrupt 5 with Schmitt Trigger
42
1
P2.1
AIN1
I
A/D Analog Input 1
42
1
P2.2
INT0
I
External Interrupt 0
41
56
P2.2
AIN2
I
A/D Analog Input 2
41
56
P2.3
INT6
I
External Interrupt 6
40
55
P2.3
SDO
O
MSPI Serial Data Output
40
55
P2.4
NMI
I
Non-Maskable Interrupt
39
54
P2.5
AIN3
I
A/D Analog Input 3
38
53
P3.0
FB
O
Fast Blanking OSD output
18
23
P3.1
R
O
Red Video Colour OSD output
17
22
P3.2
G
O
Green Video Colour OSD output
16
21
P3.3
B
O
Blue Video Colour OSD output
15
20
Table 1-1. ST9294 I/O Port Alternative Function Summary
®
ST9294
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com