Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9294 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST9294
Description  24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9294 Datasheet(HTML) 3 Page - STMicroelectronics

  ST9294 Datasheet HTML 1Page - STMicroelectronics ST9294 Datasheet HTML 2Page - STMicroelectronics ST9294 Datasheet HTML 3Page - STMicroelectronics ST9294 Datasheet HTML 4Page - STMicroelectronics ST9294 Datasheet HTML 5Page - STMicroelectronics ST9294 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Figure 1-2. ST9294 Block Diagram
CPU
16-Bit TIMER / WATCHDOG + SPI
SLICE
TIMER
256 Bytes
REGISTER FILE
DATA
SLICER
CC Video
I/O PORT 0
8
384 / 640 Bytes
RAM
12k / 24k Bytes
ROM
I/O PORT 3
7
ON SCREEN
DISP LAY
PLL
HSYNC
PLLR
PLLF
AV
DD
VSYNC
I/O PORT 4
P.W.M.
O utputs
8
P.W.M.
D/ A
CONVERTER
I/O PORT 2
( Analog Inputs )
6
A/ D
CONVERTER
I/O PORT 5
( SPI )
2
MEMORY BUS ( Address & Data )
REGISTER BUS ( Address & Data )
VR0A1749
Note : 42 SDIP shown
1.1 GENERAL DESCRIPTION
The ST9294 is a ROM member of the ST9 family of
microcontrollers, completely developed and pro-
duced by SGS-THOMSON Microelectronics using
a proprietary n-well HCMOS process.
The ROM parts are fully compatible with their
EPROM versions, which may be used for the pro-
totyping and pre-production phases of develop-
ment.
The nucleus of the ST9294 is the advanced Core
which includes the Central Processing Unit (CPU),
the Register File, a 16-bit Timer/Watchdog with 8-
bit Prescaler, a Serial Peripheral Interface support-
ing S-bus, I
2C-bus and IM-bus Interface, plus two
8-bit I/O ports. The Core has independent memory
and register buses allowing a high degree of pipe-
lining to add to the efficiency of the code execution
speed of the extensive instruction set.
The powerful I/O capabilities demanded by micro-
controller applications are fulfilled by the ST9294
with up to 31/42 I/O lines dedicated to digital In-
put/Output. These lines are grouped into up to six
I/O Ports and can be configured on a bit basis un-
der software control to provide timing, status sig-
nals, timer inputs and outputs, analog inputs, ex-
ternal interrupts and serial or parallel I/O.
Three basic memory spaces are available to sup-
port this wide range of configurations: Program
Memory, Data Memory and the Register File,
which includes the control and status registers of
the on-chip peripherals.
The 16-bit Slice Timer with an 8-bit Prescaler.
The human interface is provided by the On Screen
Display module, this can produce up to 15 lines of
up to 34 characters from a ROM defined 128 char-
acter set. The 9x13 character can be modified by 4
different pixel sizes, with character rounding, and
formed into words with colour and format attrib-
utes.
Closed Caption control for the display of informa-
tion transmitted through the video input is facili-
tated with the Data Slicer. This module has manual
and automatic Slicing levels for both Sync and
Data and allows the user to select the video line
containing the data relative to the Vertical synchro-
nisation pulse.
®
ST9294
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com