Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9294 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST9294
Description  24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9294 Datasheet(HTML) 4 Page - STMicroelectronics

  ST9294 Datasheet HTML 1Page - STMicroelectronics ST9294 Datasheet HTML 2Page - STMicroelectronics ST9294 Datasheet HTML 3Page - STMicroelectronics ST9294 Datasheet HTML 4Page - STMicroelectronics ST9294 Datasheet HTML 5Page - STMicroelectronics ST9294 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Control of TV settings is able to be made with up to
eight 8-bit PWM outputs, with a frequency maxi-
mum of 23,437Hz at 8-bit resolution (INTCLK =
12MHz). Low resolutions with higher frequency op-
eration can be programmed.
In addition there is a 3 channel Analog to Digital Con-
verter with integral sample and hold, fast 5.75
µs con-
version time and 6-bit guaranteed resolution.
1.2 PIN DESCRIPTION
VSYNC.
Vertical Synch. Vertical video synchroni-
sation input to OSD. Positive or negative polarity.
HSYNC.
Horizontal Synch. Horizontal video syn-
chronisation input to OSD. Positive or negative po-
larity.
CCVideo.
Composite Video Input. Input to Data
Slicer for Closed Caption extraction, 1V
± 6dB or
2V
± 3dB.
PLLF.
PLL Filter input. Filter input for the OSD for
PLL feed-back.
PLLR.
PLL Resistor connection pin. For resistor
connection to select the PLL gain adjust.
RESET.
Reset (input, active low). The ST9 is initial-
ised by the Reset signal. With the deactivation of RE-
SET, program execution begins from the Program
memory location pointed to by the vector contained
in program memory locations 00h and 01h.
GENERAL DESCRIPTION (Continued)
OSCIN, OSCOUT.
Oscillator (input and output).
These pins connect a parallel-resonant crystal
(24MHz maximum), or an external source to the
on-chip clock oscillator and buffer. OSCIN is the in-
put of the oscillator inverter and internal clock gen-
erator; OSCOUT is the output of the oscillator
inverter.
AVDD. Analog VDD of PLL. This pin must be tied to
VDD externally to the ST9294.
VDD. Main Power Supply Voltage (5V
±10%)
VSS. Digital Circuit Ground.
P0.0-P0.7,
P2.0-P2.5,
P3.0-P3.6,
P4.0-P4.7,
P5.0-P5.1 (J suffix)
P0.0-P0.7,
P1.0-P1.7,
P2.0-P2.5,
P3.0-P3.7,
P4.0-P4.7, P5.0-P5.3 (N suffix)
I/O Port Lines (In-
put/Output, TTL or CMOS compatible). 31/42 lines
grouped into I/O ports, bit programmable under
program control as general purpose I/O or as Alter-
nate functions (see next section).
P4.0 - P4.7 are high voltage (12V) open drain
1.2.1I/O Port Alternate Functions.
Each pin of the I/O ports of the ST9294 may as-
sume software programmable Alternative Func-
tions as shown in the Pin Configuration Drawings.
Table 1 shows the Functions allocated to each I/O
Port pin.
®
ST9294
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com