Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9294 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST9294
Description  24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9294 Datasheet(HTML) 2 Page - STMicroelectronics

  ST9294 Datasheet HTML 1Page - STMicroelectronics ST9294 Datasheet HTML 2Page - STMicroelectronics ST9294 Datasheet HTML 3Page - STMicroelectronics ST9294 Datasheet HTML 4Page - STMicroelectronics ST9294 Datasheet HTML 5Page - STMicroelectronics ST9294 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Figure 1a. 42 Pin Shrink DIP Pinout
Pin
Pin
name
1
P2.0/INT7
2
RESET
3
P0.7
4
P0.6
5
P0.5
6
P0.4
7
P0.3
8
P0.2
9
P0.1
10
P0.0
11
CCVideo
12
P3.6
13
P3.5
14
P3.4
15
P3.3/B
16
P3.2/G
17
P3.1/R
18
P3.0/FB
19
P5.1/SDIO
20
P5.0/SCK/INT2
21
VDD
Pin
Pin
name
42
P2.1/INT5/AIN1
41
P2.2/INT0/AIN2
40
P2.3/INT6/SDO
39
P2.4/NMI
38
P2.5/AIN3
37
OSCIN
36
OSCOUT
35
P4.7/PWM7/
EXTRG (AD)
34
P4.6/PWM6
33
P4.5/PWM5
32
P4.4/PWM4
31
P4.3/PWM3
30
P4.2/PWM2
29
P4.1/PWM1
28
P4.0/PWM0
27
VSYNC
26
HSYNC
25
AVDD
24
PLLR
23
PLLF
22
VSS
ST9294J Pin Description
Pin
Pin
name
1
P2.1/INT5/AIN1
2
P2.0/INT7
3
RESET
4P0.7
5P0.6
6P0.5
7NC
8P0.4
9P0.3
10
P0.2
11
P0.1
12
P0.0
13
NC
14
VDD
15
CCVideo
16
P3.7
17
P3.6
18
P3.5
19
P3.4
20
P3.3/B
21
P3.2/G
22
P3.1/R
23
P3.0/FB
24
P5.3
25
P5.2
26
P5.1/SDIO
27
P5.0/SCK/INT2
28
VDD
Pin
Pin
name
56
P2.2/INT0/AIN2
55
P2.3/INT6/SDO
54
P2.4/NMI
53
P2.5/AIN3
52
P1.0
51
P1.1
50
P1.2
49
P1.3
48
P1.4
47
P1.5
46
P1.6
45
P1.7
44
OSCIN
43
OSCOUT
42
P4.7/PWM7/
EXTRG (AD)
41
P4.6/PWM6
40
P4.5/PWM5
39
P4.4/PWM4
38
P4.3/PWM3
37
P4.2/PWM2
36
P4.1/PWM1
35
P4.0/PWM0
34
VSYNC
33
HSYNC
32
AVDD
31
PLLR
30
PLLF
29
VSS
ST9294N Pin Description
Figure 1b. 56 Pin Shrink DIP Pinout
®
ST9294
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com