Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 66Page - STMicroelectronics ST92F124 Datasheet HTML 67Page - STMicroelectronics ST92F124 Datasheet HTML 68Page - STMicroelectronics ST92F124 Datasheet HTML 69Page - STMicroelectronics ST92F124 Datasheet HTML 70Page - STMicroelectronics ST92F124 Datasheet HTML 71Page - STMicroelectronics ST92F124 Datasheet HTML 72Page - STMicroelectronics ST92F124 Datasheet HTML 73Page - STMicroelectronics ST92F124 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 426 page
background image
70/426
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
Figure 41. ST92F124/F150 Internal Memory Map (64K versions)
FLASH - 64 Kbytes
SEGMENT 0h
64 Kbytes
01FFFFh
01C000h
01BFFFh
018000h
017FFFh
014000h
010000h
013FFFh
00FFFFh
00C000h
00BFFFh
008000h
007FFFh
004000h
000000h
003FFFh
PAGE 7h - 16 Kbytes
PAGE 0h - 16 Kbytes
PAGE 1h - 16 Kbytes
PAGE 2h - 16 Kbytes
PAGE 3h - 16 Kbytes
PAGE 4h - 16 Kbytes
PAGE 5h - 16 Kbytes
PAGE 6h - 16 Kbytes
SECTOR F0
8 Kbytes
Not Available
SECTOR F1
8 Kbytes
SECTOR F2
48 Kbytes
SEGMENT 3h
64 Kbytes
SEGMENT 2h
64 Kbytes
03FFFFh
03C000h
03BFFFh
038000h
037FFFh
034000h
030000h
033FFFh
02FFFFh
02C000h
02BFFFh
028000h
027FFFh
024000h
020000h
023FFFh
PAGE Fh - 16 Kbytes
PAGE 8h- 16 Kbytes
PAGE 9h - 16 Kbytes
PAGE Ah - 16 Kbytes
PAGE Bh - 16 Kbytes
PAGE Ch - 16 Kbytes
PAGE Dh- 16 Kbytes
PAGE Eh - 16 Kbytes
Reserved Area -192 Kbytes
RAM
SEGMENT 20h
64 Kbytes
200000h
20FFFFh
20C000h
20BFFFh
208000h
207FFFh
204000h
203FFFh
PAGE 80h - 16 Kbytes
PAGE 81h - 16 Kbytes
PAGE 82h - 16 Kbytes
PAGE 83h - 16 Kbytes
200000h
2017FFh
200FFFh
4 Kbytes
6 Kbytes
2 Kbytes
2007FFh
SEGMENT 1h
64 Kbytes
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com