Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 52Page - STMicroelectronics ST92F124 Datasheet HTML 53Page - STMicroelectronics ST92F124 Datasheet HTML 54Page - STMicroelectronics ST92F124 Datasheet HTML 55Page - STMicroelectronics ST92F124 Datasheet HTML 56Page - STMicroelectronics ST92F124 Datasheet HTML 57Page - STMicroelectronics ST92F124 Datasheet HTML 58Page - STMicroelectronics ST92F124 Datasheet HTML 59Page - STMicroelectronics ST92F124 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 426 page
background image
56/426
ST92F124/F150/F250 - SINGLE VOLTAGE FLASH & E3 TM (EMULATED EEPROM)
REGISTER DESCRIPTION (Cont’d)
When in Erase Suspend the memory accepts only
the following operations: Read, Erase Resume
and Byte Program. Updating the E3 TM memory is
not possible during a Flash Erase Suspend.
0: Resume sector erase when FWMS is set again.
1: Suspend Sector erase
Bit 1 = PROT: Set Protection (Read/Write).
This bit must be set to select the Set Protection op-
eration. This bit is automatically reset at the end of
the Set Protection operation.
The Set Protection operation allows “0”s in place
of “1”s to be programmed in the four Non Volatile
Protection registers. From 1 to 4 bytes can be en-
tered (in any order, no need for an ordered ad-
dress sequence) before starting the execution by
setting the FWMS bit. Data to be programmed and
addresses in which to program must be provided
(through an LD instruction, for example). Protec-
tion contained in addresses that are not entered
are left unchanged.
0: Deselect protection
1: Select protection
Bit 0 = FBUSY: Flash Busy (Read Only).
This bit is automatically set during Page Program,
Byte Program, Sector Erase or Set Protection op-
erations when the first address to be modified is
latched in Flash memory, or during Chip Erase op-
eration when bit FWMS is set. When this bit is set
every read access to the Flash memory will output
invalid data (FFh equivalent to a NOP instruction),
while every write access to the Flash memory will
be ignored. At the end of the write operations or
during a Sector Erase Suspend this bit is automat-
ically reset and the memory returns to read mode.
After an Erase Resume this bit is automatically set
again. The FBUSY bit remains high for a maxi-
mum of 10
µs after Power-Up and when exiting
Power-Down mode, meaning that the Flash mem-
ory is not yet ready to be accessed.
0: Flash not busy
1: Flash busy
E3 TM
CONTROL REGISTER (ECR)
Address: 224001h /221001h- Read/Write
Reset value: 000x x000 (xxh)
The E3 TM Control Register is used to enable all the
operations for the E3 TM memory.
The ECR also contains two bits (WFIS and FEIEN)
that are related to both Flash and E3 TM memories.
Bit 7 = EWMS: E3 TM Write Mode Start.
This bit must be set to start every write/erase oper-
ation in the E3 TM memory. At the end of the write/
erase operation this bit is automatically reset. Re-
setting by software this bit does not stop the cur-
rent write operation.
0: No effect
1: Start E3 TM write
Bit 6 = EPAGE: E3 TM page update.
This bit must be set to select the Page Update op-
eration in E3 TM memory. The Page Update opera-
tion allows to write a new content: both “0”s in
place of “1”s and “1”s in place of “0”s. From 1 to 16
bytes can be entered (in any order, no need for an
ordered address sequence) before starting the ex-
ecution by setting bit EWMS. All the addresses
must belong to the same page (only the 4 LSBs of
address can change). Data to be programmed and
addresses in which to program must be provided
(through an LD instruction, for example). Data
contained in page addresses that are not entered
are left unchanged. This bit is automatically reset
at the end of the Page Update operation.
0: Deselect page update
1: Select page update
Bit 5 = ECHIP: E3 TM chip erase.
This bit must be set to select the Chip Erase oper-
ation in the E3 TM memory. The Chip Erase opera-
tion allows to erase all the E3 TM locations to FFh.
The execution starts by setting bit EWMS. This bit
is automatically reset at the end of the Chip Erase
operation.
0: Deselect chip erase
1: Select chip erase
Bit 4:3 = Reserved.
765
4
3
2
1
0
EWMS EPAGE ECHIP
WFIS
FEIEN EBUSY
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com