Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 1 Page - STMicroelectronics

  ST92F124 Datasheet HTML 1Page - STMicroelectronics ST92F124 Datasheet HTML 2Page - STMicroelectronics ST92F124 Datasheet HTML 3Page - STMicroelectronics ST92F124 Datasheet HTML 4Page - STMicroelectronics ST92F124 Datasheet HTML 5Page - STMicroelectronics ST92F124 Datasheet HTML 6Page - STMicroelectronics ST92F124 Datasheet HTML 7Page - STMicroelectronics ST92F124 Datasheet HTML 8Page - STMicroelectronics ST92F124 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 426 page
background image
November 2004
1/426
Rev. 4.0
ST92F124/ST92F150/ST92F250
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM,
E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
Memories
– Internal Memory: Single Voltage FLASH up to 256
Kbytes, RAM up to 8Kbytes, 1K byte E3 TM (Emulat-
ed EEPROM)
– In-Application Programming (IAP)
– 224 general purpose registers (register file) availa-
ble as RAM, accumulators or index pointers
Clock, Reset and Supply Management
– Register-oriented 8/16 bit CORE with RUN, WFI,
SLOW, HALT and STOP modes
– 0-24 MHz Operation (Int. Clock), 4.5-5.5 V range
– PLL Clock Generator (3-5 MHz crystal)
– Minimum instruction time: 83 ns (24 MHz int. clock)
Up to 80 I/O pins
Interrupt Management
– 4 external fast interrupts + 1 NMI
– Up to 16 pins programmable as wake-up or addition-
al external interrupt with multi-level interrupt handler
DMA
controller
for
reduced
processor
overhead
Timers
– 16-bit Timer with 8-bit Prescaler, and Watchdog Tim-
er (activated by software or by hardware)
– 16-bit Standard Timer that can be used to generate
a time base independent of PLL Clock Generator
– Two 16-bit independent Extended Function Timers
(EFTs) with Prescaler, up to two Input Captures and
up to two Output Compares
– Two 16-bit Multifunction Timers, with Prescaler, up
to two Input Captures and up to two Output Com-
pares
Communication Interfaces
– Serial Peripheral Interface (SPI) with Selectable
Master/Slave mode
– One Multiprotocol Serial Communications Interface
with asynchronous and synchronous capabilities
– One asynchronous Serial Communications Interface
with 13-bit LIN Synch Break generation capability
– J1850 Byte Level Protocol Decoder (JBLPD)
– Up to two full I²C multiple Master/Slave Interfaces
supporting Access Bus
– Up to two CAN 2.0B Active interfaces
Analog peripheral (low current coupling)
– 10-bit A/D Converter witvalh up to 16 robust input
channels
Development Tools
– Free High performance Development environment
(IDE) based on Visual Debugger, Assembler, Linker,
and C-Compiler; Real Time Operating System (OS-
EK OS, CMX) and CAN drivers
– Hardware Emulator and Flash Programming Board
for development and ISP Flasher for production
DEVICE SUMMARY 2)
1) see Section 12.4 on page 406 for important information
2) see Table 71 on page 403 for the list of supported part numbers
PQFP100
14x20
TQFP64
14x14
TQFP100
14x14
Features
ST92F124R9
ST92F124V1 ST92F150CR9/1 ST92F150CV9/1 ST92F150JDV1
ST92F250CV2
FLASH - bytes
64K
128K
64K/128K
64K/128K
128K
256K
RAM - bytes
2K
4K
2K/4K
2K/4K
6K
8K
E3 TM - bytes
1K
1K
1K
1K
1K
1K
Timers and
Serial
Interface
2 MFT, 2 EFT,
STIM, WD,
SCI, SPI, I²C
2 MFT, 2 EFT,
STIM, WD,
2 SCI, SPI, I²C
2 MFT, 2 EFT,
STIM, WD,
SCI, SPI, I²C
2 MFT, 2 EFT,
STIM, WD,
2 SCI, SPI, I²C
2 MFT, 2 EFT,
STIM, WD,
2 SCI, SPI, I²C
2 MFT, 2 EFT,
STIM, WD, 2 SCI,
SPI, 2 I²C 1)
ADC
16 x 10 bits
16 x 10 bits
16 x 10 bits
16 x 10 bits
16 x 10 bits
16 x 10 bits
Network Inter-
face
-
LIN Master
CAN
CAN, LIN Master
2 CAN,J1850,
LIN Master
CAN, LIN Master
Packages
TQFP64
P/TQFP100
TQFP64
P/TQFP100
P/TQFP100
9


Similar Part No. - ST92F124

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92F124 STMICROELECTRONICS-ST92F124 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
ST92F124CR1Q6 STMICROELECTRONICS-ST92F124CR1Q6 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
ST92F124CR1QB STMICROELECTRONICS-ST92F124CR1QB Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
ST92F124CR1QC STMICROELECTRONICS-ST92F124CR1QC Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
ST92F124CR1T6 STMICROELECTRONICS-ST92F124CR1T6 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
More results

Similar Description - ST92F124

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
Rev. 2.1
logo
ATMEL Corporation
T89C51CC01 ATMEL-T89C51CC01 Datasheet
1Mb / 146P
Enhanced 8-bit MCU with CAN controller and Flash
logo
STMicroelectronics
ST92F120V9 STMICROELECTRONICS-ST92F120V9 Datasheet
3Mb / 324P
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
31-Jan-2000
ST92F124 STMICROELECTRONICS-ST92F124_06 Datasheet
4Mb / 429P
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
16-Nov-2006
ST7LITE49M STMICROELECTRONICS-ST7LITE49M Datasheet
1Mb / 188P
8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I²C interface
13-Jul-2007
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
12-Jul-2006
logo
Holtek Semiconductor In...
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
May 14, 2012
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
Enhanced Flash Type 8-Bit MCU with EEPROM
January 17, 2013
logo
STMicroelectronics
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
8-bit MCU with single voltage Flash memory
04-Feb-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com