Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 73Page - STMicroelectronics ST92F124 Datasheet HTML 74Page - STMicroelectronics ST92F124 Datasheet HTML 75Page - STMicroelectronics ST92F124 Datasheet HTML 76Page - STMicroelectronics ST92F124 Datasheet HTML 77Page - STMicroelectronics ST92F124 Datasheet HTML 78Page - STMicroelectronics ST92F124 Datasheet HTML 79Page - STMicroelectronics ST92F124 Datasheet HTML 80Page - STMicroelectronics ST92F124 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 426 page
background image
77/426
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
3
I/O
Port
4
R240
P4C0
Port 4 Configuration Register 0
FD
150
R241
P4C1
Port 4 Configuration Register 1
00
R242
P4C2
Port 4 Configuration Register 2
00
I/O
Port
5
R244
P5C0
Port 5 Configuration Register 0
FF
R245
P5C1
Port 5 Configuration Register 1
00
R246
P5C2
Port 5 Configuration Register 2
00
I/O
Port
6
R248
P6C0
Port 6 Configuration Register 0
xx11 1111
R249
P6C1
Port 6 Configuration Register 1
xx00 0000
R250
P6C2
Port 6 Configuration Register 2
xx00 0000
R251
P6DR
Port 6 Data Register
xx11 1111
I/O
Port
7
R252
P7C0
Port 7 Configuration Register 0
FF
R253
P7C1
Port 7 Configuration Register 1
00
R254
P7C2
Port 7 Configuration Register 2
00
R255
P7DR
Port 7 Data Register
FF
7
SPI
R240
SPDR0
SPI Data Register
00
259
R241
SPCR0
SPI Control Register
00
259
R242
SPSR0
SPI Status Register
00
260
R243
SPPR0
SPI Prescaler Register
00
260
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com