Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 77Page - STMicroelectronics ST92F124 Datasheet HTML 78Page - STMicroelectronics ST92F124 Datasheet HTML 79Page - STMicroelectronics ST92F124 Datasheet HTML 80Page - STMicroelectronics ST92F124 Datasheet HTML 81Page - STMicroelectronics ST92F124 Datasheet HTML 82Page - STMicroelectronics ST92F124 Datasheet HTML 83Page - STMicroelectronics ST92F124 Datasheet HTML 84Page - STMicroelectronics ST92F124 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 426 page
background image
81/426
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
24
SCI-M
R240
RDCPR0
Receiver DMA Transaction Counter Pointer
xx
226
R241
RDAPR0
Receiver DMA Source Address Pointer
xx
226
R242
TDCPR0
Transmitter DMA Transaction Counter Pointer
xx
226
R243
TDAPR0
Transmitter DMA Destination Address Pointer
xx
226
R244
S_IVR0
Interrupt Vector Register
xx
228
R245
ACR0
Address/Data Compare Register
xx
228
R246
IMR0
Interrupt Mask Register
x0
228
R247
S_ISR0
Interrupt Status Register
xx
228
R248
RXBR0
Receive Buffer Register
xx
230
R248
TXBR0
Transmitter Buffer Register
xx
230
R249
IDPR0
Interrupt/DMA Priority Register
xx
231
R250
CHCR0
Character Configuration Register
xx
232
R251
CCR0
Clock Configuration Register
00
233
R252
BRGHR0
Baud Rate Generator High Reg.
xx
234
R253
BRGLR0
Baud Rate Generator Low Register
xx
234
R254
SICR0
Synchronous Input Control
03
234
R255
SOCR0
Synchronous Output Control
01
235
26
SCI-A*
R240
SCISR
SCI Status Register
C0
244
R241
SCIDR
SCI Data Register
xx
247
R242
SCIBRR
SCI Baud Rate Register
xx
247
R243
SCICR1
SCI Control Register 1
xx
245
R244
SCICR2
SCI Control Register 2
00
246
R245
SCIERPR
SCI Extended Receive Prescaler Register
00
248
R246
SCIETPR
SCI Extended Transmit Prescaler Register
00
248
R255
SCICR3
SCI Control Register 3
00
246
28
EFT0*
R240
IC1HR0
Input Capture 1 High Register
xx
180
R241
IC1LR0
Input Capture 1 Low Register
xx
180
R242
IC2HR0
Input Capture 2 High Register
xx
180
R243
IC2LR0
Input Capture 2 Low Register
xx
180
R244
CHR0
Counter High Register
FF
181
R245
CLR0
Counter Low Register
FC
181
R246
ACHR0
Alternate Counter High Register
FF
181
R247
ACLR0
Alternate Counter Low Register
FC
181
R248
OC1HR0
Output Compare 1 High Register
80
182
R249
OC1LR0
Output Compare 1 Low Register
00
182
R250
OC2HR0
Output Compare 2 High Register
80
182
R251
OC2LR0
Output Compare 2 Low Register
00
182
R252
CR1_0
Control Register 1
00
184
R253
CR2_0
Control Register 2
00
184
R254
SR0
Status Register
00
184
R255
CR3_0
Control Register 3
00
184
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com