Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 104Page - STMicroelectronics ST92F124 Datasheet HTML 105Page - STMicroelectronics ST92F124 Datasheet HTML 106Page - STMicroelectronics ST92F124 Datasheet HTML 107Page - STMicroelectronics ST92F124 Datasheet HTML 108Page - STMicroelectronics ST92F124 Datasheet HTML 109Page - STMicroelectronics ST92F124 Datasheet HTML 110Page - STMicroelectronics ST92F124 Datasheet HTML 111Page - STMicroelectronics ST92F124 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 426 page
background image
108/426
ST92F124/F150/F250 - INTERRUPTS
INTERRUPT REGISTERS (Cont’d)
INTERRUPT MASK REGISTER HIGH (SIMRH)
R245 - Read/Write
Register Page: 60
Reset value: 0000 0000 (00h)
Bits 7:1 = Reserved.
Bit 0 = IMI0 Channel I Mask bit
The IMI0 bit is set and cleared by software to ena-
ble or disable interrupts on channel I0 .
0: Interrupt masked
1: An interrupt is generated if the IPI0 bit is set in
the SIPRH register.
INTERRUPT MASK REGISTER LOW (SIMRL)
R246 - Read/Write
Register Page: 60
Reset value: 0000 0000 (00h)
Bits 7:0 = IMxx Channel E to H Mask bits
The IMxx bits are set and cleared by software to
enable or disable on channel xx interrupts.
0: Interrupt masked
1: An interrupt is generated if the corresponding
IPxx bit is set in the SIPRL register.
INTERRUPT
TRIGGER
EVENT
REGISTER
HIGH (SITRH)
R247 - Read/Write
Register Page: 60
Reset value: 0000 0000 (00h)
Bits 7:1 = Reserved.
Bit 0 = ITEI0 Channel I0 Trigger Event
This bit is set and cleared by software to define the
polarity of the channel I0 trigger event
0: The I0 pending bit will be set on the falling edge
of the interrupt line
1: The I0 pending bit will be set on the rising edge
of the interrupt line
Note: The ITEI0 bit must be set to enable the SCI-
A interrupt as the SCI-A interrupt event is a rising
edge event.
INTERRUPT TRIGGER EVENT REGISTER LOW
(SITRL)
R248 - Read/Write
Register Page: 60
Reset value: 0000 0000 (00h)
Bits 7:0 = ITExx Channel E to H Trigger Event
The ITExx bits are set and cleared by software to
define the polarity of the channel xx trigger event
0: The corresponding pending bit will be set on the
falling edge of the interrupt line
1: The corresponding pending bit will be set on the
rising edge of the interrupt line
Note: The ITExx bits must be set to enable the
CAN interrupts as the CAN interrupt events are ris-
ing edge events.
Note: If either a rising or a falling edge occurs on
the interrupt lines during a write access to the
ITER register, the pending bit will not be set.
INTERRUPT
PENDING
REGISTER
HIGH
(SIPRH)
R249 - Read/Write
Register Page: 60
Reset value: 0000 0000 (00h)
Bits 7:1 = Reserved.
Bit 0 = IPI0 Channel I0 Pending bit
The IPI0 bit is set by hardware on occurrence of
the trigger event. (as specified in the ITR register)
and is cleared by hardware on interrupt acknowl-
edge.
0 : No interrupt pending
1 : Interrupt pending
70
----
-
-
-
IMI0
70
IMH1
IMH0
IMG1
IMG0
IMF1
IMF0
IME1
IME0
70
----
-
-
-
ITEI0
70
ITEH1 ITEH0 ITEG1 ITEG0 ITEF1
ITEF0 ITEE1
ITEE0
70
--
--
-
-
-
IPI0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com