Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 123Page - STMicroelectronics ST92F124 Datasheet HTML 124Page - STMicroelectronics ST92F124 Datasheet HTML 125Page - STMicroelectronics ST92F124 Datasheet HTML 126Page - STMicroelectronics ST92F124 Datasheet HTML 127Page - STMicroelectronics ST92F124 Datasheet HTML 128Page - STMicroelectronics ST92F124 Datasheet HTML 129Page - STMicroelectronics ST92F124 Datasheet HTML 130Page - STMicroelectronics ST92F124 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 426 page
background image
127/426
ST92F124/F150/F250 - RESET AND CLOCK CONTROL UNIT (RCCU)
7.3 CLOCK MANAGEMENT
The various programmable features and operating modes of the CCU are handled by four registers:
– MODER (Mode Register)
This is a System Register (R235, Group E).
The input clock divide-by-two and the CPU clock
prescaler factors are handled by this register.
– CLKCTL (Clock Control Register)
This is a Paged Register (R240, Page 55).
The low power modes, the RCCU interrupts and
the interpretation of the HALT instruction are
handled by this register.
– CLK_FLAG (Clock Flag Register)
This is a Paged Register (R242, Page 55).
This register contains various status flags, as
well as control bits for clock selection.
– PLLCONF (PLL Configuration Register)
This is a Paged Register (R246, Page 55).
PLL management is programmed in this register.
Figure 61. Clock Control Unit Programming
Crystal
PLL
CK_AF
1/16
x
1/2
DIV2
CKAF_SEL
1/N
oscillator
MX[1:0]
0
1
0
1
0
1
source
CKAF_ST
CSU_CKSEL
6/8/10/14
1
0
XT_DIV16
DX[2:0]
CLOCK2
CLOCK1
(MODER)
(CLK_FLAG)
(CLKCTL)
(PLLCONF)
(CLK_FLAG)
CK_AF
INTCLK
to
Peripherals
and
CPU Clock Prescaler
XTSTOP
(CLK_FLAG)
Wait for Interrupt and Low Power Modes:
LPOWFI (CLKCTL) selects Low Power operation automatically on entering WFI mode.
WFI_CKSEL (CLKCTL) selects the CK_AF clock automatically, if present, on entering WFI mode.
XTSTOP (CLK_FLAG) automatically stops the crystal oscillator when the CK_AF clock is present and selected.
1/4
CK_128
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com