Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 145Page - STMicroelectronics ST92F124 Datasheet HTML 146Page - STMicroelectronics ST92F124 Datasheet HTML 147Page - STMicroelectronics ST92F124 Datasheet HTML 148Page - STMicroelectronics ST92F124 Datasheet HTML 149Page - STMicroelectronics ST92F124 Datasheet HTML 150Page - STMicroelectronics ST92F124 Datasheet HTML 151Page - STMicroelectronics ST92F124 Datasheet HTML 152Page - STMicroelectronics ST92F124 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 426 page
background image
149/426
ST92F124/F150/F250 - EXTERNAL MEMORY INTERFACE (EXTMI)
EXTERNAL MEMORY INTERFACE REGISTERS (Cont’d)
Bit 1:0 = UAS[1:0]: Upper memory address strobe
stretch.
These two bits contain the number of wait cycles
(from 0 to 3) to add to the System Clock to stretch
AS during external upper memory block accesses
(A21=1). The reset value is 3.
Caution: The EMR2 register cannot be written
during an interrupt service routine.
WAIT CONTROL REGISTER (WCR)
R252 - Read/Write
Register Page: 0
Reset Value: 0111 1111 (7Fh)
Bit 7 = Reserved, forced by hardware to 0.
Bit 6 = WDGEN: Watchdog Enable.
For a description of this bit, refer to the Timer/
Watchdog chapter.
Caution: Clearing this bit has the effect of setting
the Timer/Watchdog to Watchdog mode. Unless
this is desired, it must be set to “1”.
Bit 5:3 = UDS[2:0]: Upper memory data strobe
stretch.
These bits contain the number of INTCLK cycles
to be added automatically to DS for external upper
memory block accesses. UDS = 0 adds no addi-
tional wait cycles. UDS = 7 adds the maximum 7
INTCLK cycles (reset condition).
Bit 2:0 = LDS[2:0]: Lower memory data strobe
stretch.
These bits contain the number of INTCLK cycles
to be added automatically to DS for external lower
memory block accesses. LDS = 0 adds no addi-
tional wait cycles, LDS = 7 adds the maximum 7
INTCLK cycles (reset condition).
Note 1: The number of clock cycles added refers
to INTCLK and NOT to CPUCLK.
Note 2: The distinction between the Upper memo-
ry block and the Lower memory block allows differ-
ent wait cycles between the first 2 Mbytes and the
second 2 Mbytes, and allows 2 different data
strobe signals to be used to access 2 different
memories.
Typically, the RAM will be located above address
0x200000
and
the
ROM
below
address
0x1FFFFF, with different access times (see Figure
74).
Caution: The reset value of the Wait Control Reg-
ister gives the maximum number of Wait cycles for
external memory. To get optimum performance
from the ST9, the user should write the UDS[2:0]
and LDS[2:0] bits to 0, if the external addressed
memories are fast enough.
70
0
WDGEN UDS2
UDS1
UDS0
LDS2
LDS1
LDS0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com