Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 161Page - STMicroelectronics ST92F124 Datasheet HTML 162Page - STMicroelectronics ST92F124 Datasheet HTML 163Page - STMicroelectronics ST92F124 Datasheet HTML 164Page - STMicroelectronics ST92F124 Datasheet HTML 165Page - STMicroelectronics ST92F124 Datasheet HTML 166Page - STMicroelectronics ST92F124 Datasheet HTML 167Page - STMicroelectronics ST92F124 Datasheet HTML 168Page - STMicroelectronics ST92F124 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 426 page
background image
165/426
STANDARD TIMER (STIM)
STANDARD TIMER (Cont’d)
10.2.4 Register Description
COUNTER HIGH BYTE REGISTER (STH)
R240 - Read/Write
Register Page: 11
Reset value: 1111 1111 (FFh)
Bits 7:0 = ST.[15:8]: Counter High-Byte.
COUNTER LOW BYTE REGISTER (STL)
R241 - Read/Write
Register Page: 11
Reset value: 1111 1111 (FFh)
Bits 7:0 = ST.[7:0]: Counter Low Byte.
Writing to the STH and STL registers allows the
user to enter the standard timer constant from 1
(0000h) to 65536 (FFFFh). Reading these regis-
ters provides the counter's current value. Thus it is
possible to read the counter on-the-fly.
STANDARD TIMER PRESCALER REGISTER
(STP)
R242 - Read/Write
Register Page: 11
Reset value: 1111 1111 (FFh)
Bits 7:0 = STP.[7:0]: Prescaler.
The Prescaler value for the Standard Timer is pro-
grammed into this register. When reading the STP
register, the returned value corresponds to the
programmed data instead of the current data.
00h: No prescaler
01h: Divide by 2
FFh: Divide by 256
STANDARD
TIMER
CONTROL
REGISTER
(STC)
R243 - Read/Write
Register Page: 11
Reset value: 0001 0100 (14h)
Bit 7 = ST-SP: Start-Stop Bit.
This bit is set and cleared by software.
0: Stop counting
1: Start counting
Bit 6 = S-C: Single-Continuous Mode Select.
This bit is set and cleared by software.
0: Continuous Mode
1: Single Mode
Bits 5:4 = INMD[1:2]
Bit 3 = INEN
These 3 bits select the clock source.
Bit 2 = INTS: Interrupt Selection.
0: Standard Timer interrupt enabled
1: Standard Timer interrupt is disabled and the ex-
ternal interrupt pin is enabled.
Bits 1:0 = OUTMD[1:2]: Output Mode Selection.
These bits select the output functions as described
in Section 10.2.2.3.
70
ST.15
ST.14
ST.13
ST.12
ST.11
ST.10
ST.9
ST.8
70
ST.7
ST.6
ST.5
ST.4
ST.3
ST.2
ST.1
ST.0
70
STP.7 STP.6 STP.5 STP.4 STP.3 STP.2 STP.1 STP.0
70
ST
-SP S-C INMD1 INMD2 INEN INTS OUTMD1 OUTMD2
INMD1 INMD2 INEN
Clock input
00
1
CLOCK2/1024
XX
0
INTCLK/4
OUTMD1 OUTMD2 Mode
00
No output mode
01
Square wave output mode
1x
PWM output mode
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com