Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124 Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 173Page - STMicroelectronics ST92F124 Datasheet HTML 174Page - STMicroelectronics ST92F124 Datasheet HTML 175Page - STMicroelectronics ST92F124 Datasheet HTML 176Page - STMicroelectronics ST92F124 Datasheet HTML 177Page - STMicroelectronics ST92F124 Datasheet HTML 178Page - STMicroelectronics ST92F124 Datasheet HTML 179Page - STMicroelectronics ST92F124 Datasheet HTML 180Page - STMicroelectronics ST92F124 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 426 page
background image
177/426
EXTENDED FUNCTION TIMER (EFT)
EXTENDED FUNCTION TIMER (Cont’d)
– When a write is performed on the CLR or ACLR
register in PWM mode, then the Counter will be
reset and the pulse-width/period of the waveform
generated may not be be as desired
Figure 100. Pulse Width Modulation Mode Timing
COUNTER
34E2
FFFC FFFD FFFE
2ED0 2ED1 2ED2
34E2
FFFC
OLVL2
OLVL2
OLVL1
OCMP1
compare2
compare1
compare2
OC1R = 2ED0h, OC2R = 34E2, OLVL1 = 0, OLVL2 = 1
COUNTER
000F
0010
FFFC
0010
FFFC
OLVL1
OLVL1
OLVL2
OCMP1
OC1R = OC2R = 0010h, OLVL1 = 1, OLVL2 = 0
0010
FFFC
COUNTER
0003
0004
FFFC
OLVL1
OLVL2
OCMP1
OC1R = FFFCh, OC2R = 0004h, OLVL1 = 1, OLVL2 = 0
0003
0004 FFFC
OLVL1
OLVL2
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com