Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC326SP16AJS-85LL Datasheet(PDF) 64 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJS-85LL
Description  2Mx16 bit CellularRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJS-85LL Datasheet(HTML) 64 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJS-85LL Datasheet HTML 56Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 57Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 58Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 59Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 60Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 61Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 62Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 63Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 64Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 64 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
64
Preliminary
EM X XX X X X XX X X X - XX XX
MEMORY FUNCTION GUIDE
1. EMLSI Memory
2. Device Type
3. Density
5. Technology
6. Operating Voltage
8. Version
9. Option
11. Speed
7. Organization
4. Function
12. Power
10. PKG
1. Memory Component
2. Device Type
6 ---------------------- Low Power SRAM
7 ---------------------- STRAM
C ---------------------- CellularRAM
3. Density
4 ----------------------- 4M
8 ----------------------- 8M
16 --------------------- 16M
32 --------------------- 32M
64 --------------------- 64M
28 --------------------- 128M
4. Function
2 ----Multiplexed async.
3-----Demultiplexed async. with page mode
4-----Demultiplexed async. with direct DPD
5-----Multiplexed sync.
6-----Optional mux/demuxed sync.
5. Technology
S ----------------------- Single Transistor & Trench Cell
6. Operating Voltage
V ----------------------- 3.3V
U ----------------------- 3.0V
S ----------------------- 2.5V
R ----------------------- 2.0V
P ----------------------- 1.8V
L ----------------------- 1.5V
7. Organization
8 ---------------------- x8 bit
16 ---------------------- x16 bit
32 ---------------------- x32 bit
8. Version
Blank ----------------- Mother die
A ----------------------- 2’nd generation
B ----------------------- 3’rd generation
C ----------------------- 4’th generation
D ----------------------- 5’th generation
9. Option
Blank ---- No optional mode
H ----------- Demultiplexed with DPD
J ------------ Demultiplexed with DPD & RBC
K ------------ Multiplexed with RBC
L ------------ Multiplexed with DPD & RBC
10. Package
Blank ---------------------- Wafer
S
---------------------- 32 sTSOP1
T
---------------------- 32 TSOP1
U
---------------------- 44 TSOP2
P
---------------------- 48 FPBGA
Z
---------------------- 52 FPBGA
Y
---------------------- 54 FPBGA
V
---------------------- 90 FPBGA
11. Speed (@async.)
45 ---------------------- 45ns
55 ---------------------- 55ns
70 ---------------------- 70ns
85 ---------------------- 85ns
90 ---------------------- 90ns
10 --------------------- 100ns
12 --------------------- 120ns
12. Power
LL ---------------------- Low Low Power
LF ---------------------- Low Low Power
(Pb-Free&Green)
L ---------------------- Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com