Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC326SP16AJS-85LL Datasheet(PDF) 22 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJS-85LL
Description  2Mx16 bit CellularRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJS-85LL Datasheet(HTML) 22 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJS-85LL Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
22
Preliminary
Bus Configuration Register
The BCR defines how the CellularRAM device interacts with the system memory bus. Page mode operation is enabled by a bit
contained in the RCR. Figure 16 describes the control bit BCR. At power-up, the BCR is set to 9D1Fh. The BCR is accessed with CRE
HIGH and A[19:18] = 10b, or through the register access software sequence with DQ = 0001h on the third cycle.
Figure 16: Bus Configuration Register Definition
Note: 1. Burst wrap and length apply to both READ and WRITE operations.
A[20]
A[19:18] A[17:16]
A15
A14
A13 A12 A11
A10
A9
A8
A7
A6
A5 A4
A3
A2 A1 A0
20
19-18
17-16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
Register
Select
Reserved
Operating
Mode
Initial
Latency
Latency
Counter
WAIT
Polarity
Reserved
WAIT
Configuration(WC)
Reserved Reserved
Drive
Strength
Burst
Wrap(BW)*
Burst
Length(BL)*
BCR[14]
Initial Access Latency
BCR[3]
Burst Wrap (Note 1)
0
Variable (default)
0
Burst wraps within the burst length
1
Fixed
1
Burst no wrap (default)
BCR[5] BCR[4] Drive Strength
BCR[13] BCR[12] BCR[11]
Latency Counter
00
Full
0
0
0
Code 8
0
1
1/2 (default)
0
0
1
Code 1 - Reserved
1
0
1/4
0
1
0
Code 2
1
1
Reserved
0
1
1
Code 3 (default)
1
0
0
Code 4
1
0
1
Code 5
BCR[8]
WAIT Configuration
1
1
0
Code 6
0
Asserted during delay
1
1
1
Code 7 - Reserved
1
Asserted one data before delay(default)
BCR[10]
WAIT Polarity
0
Active LOW
1
Active HIGH (default)
BCR[15]
Operating Mode
0
Synchronous burst access mode
BCR[2] BCR[1] BCR[0] Burst Length (Note 1)
1
Asynchronous access mode (default)
00
1
4 words
01
0
8 words
BCR[19] BCR[18] Register Select
01
1
16 words
0
0
Select RCR
1
0
0
32 words
1
0
Select BCR
1
1
1
Continuous burst (default)
0
1
Select DIDR
Others
Reserved
All must be set to “0” Must be set to “0”
Must be set to “0”
Must be set to “0”
Must be set to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com