Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC326SP16AJS-85LL Datasheet(PDF) 18 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJS-85LL
Description  2Mx16 bit CellularRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJS-85LL Datasheet(HTML) 18 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJS-85LL Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
18
Preliminary
Figure 11: Configuration Register WRITE, Synchronous Mode, Followed by READ ARRAY Operation
Note:
1. Non-default BCR settings for synchronous mode configuration register WRITE followed by READ ARRAY operation: Latency
code 2 (3 clocks), WAIT active LOW, WAIT asserted during delay.
2. A[19:18] = 00b to load RCR, and 10b to load BCR.
3. CE# must remain LOW to complete a burst-of-one WRITE. WAIT must be monitored; additional WAIT cycles caused by refresh
collisions require a corresponding number of additional CE# LOW cycles.
Don’t Care
A[20:0]
ADV#
OPCODE
A[19:18]2
(except A[19:18])
CRE
CLK
tCBPH
Latch control register address
tSP
tSP
tHD
tHD
tCEW
CE#
tCSP
Latch control register value
tSP
tHD
Address
Address
OE#
WE#
DQ[15:0]
WAIT
Data
Valid
tSP
tHD
LB#/UB#
High-Z
High-Z
Note 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com