Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC326SP16AJS-85LL Datasheet(PDF) 27 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJS-85LL
Description  2Mx16 bit CellularRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJS-85LL Datasheet(HTML) 27 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJS-85LL Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 27Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 28Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
27
Preliminary
Refresh Configuration Register
The refresh configuration register (RCR) defines how the CellularRAM device performs its transparent self refresh. Altering the refresh
parameters can dramatically reduce current consumption during standby mode. Page mode control is also embedded into the RCR.
Figure 20 describes the control bits used in the RCR. At power-up, the RCR is set to 0010h. The RCR is accessed with CRE HIGH and
A[19:18] = 00b; or through the register access software sequence with DQ = 0000h on the third cycle.
Figure 20: Refresh Configuration Register Mapping
Address Bus
A[20]
A[19:18]
A[17:8]
A7
A6
A5
A4
A3
A2
A1
A0
20
19-18
17-8
7
6
5
4
3
2
1
0
Reserved
Register
Select
Reserved
Page
Reserved
DPD
Reserved
PAR
RCR[19]
RCR[18]
Register Select
RCR[2]
RCR[1]
RCR[0]
Refresh Coverage
0
0
Select RCR
0
0
0
Full array (default)
1
0
Select BCR
0
0
1
Bottom 1/2 array
0
1
Select DIDR
0
1
0
Bottom 1/4 array
0
1
1
Bottom 1/8 array
1
0
0
None of array
RCR[7]
Page Mode Enable/Disable
1
0
1
Top 1/2 array
0
Page Mode Disable (default)
1
1
0
Top 1/4 array
1
Page Mode Enable
1
1
1
Top 1/8 array
RCR[4]
Deep Power-Down
0
DPD Enable
1
DPD Disable (default)
All must be
All must be
Setting is ignored
Must be set to “0”
(Default 00b)
set to “0”
set to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com