Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC326SP16AJS-85LL Datasheet(PDF) 21 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJS-85LL
Description  2Mx16 bit CellularRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJS-85LL Datasheet(HTML) 21 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJS-85LL Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-85LL Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
21
Preliminary
Software Access
Software access of the registers uses a sequence of asynchronous READ and asynchronous WRITE operations. The contents of the
configuration registers can be modified and all registers can be read using the software sequence. The configuration registers are
loaded using a four-step sequence consisting of two asynchronous READ operations followed by two asynchronous WRITE
operations.(See Figure 14.) The read sequence is virtually identical except that an asynchronous READ is performed during the fourth
operation. (See Figure 15.) The address used during all READ and WRITE operations is the highest address of the CellularRAM
device being accessed (1FFFFFh); the contents of this address are not changed by using this sequence. The data value presented
during the third operation (WRITE) in the sequence defines whether the BCR, RCR, or the DIDR is to be accessed. If the data is
0000h, the sequence will access the RCR; if the data is 0001h, the sequence will access the BCR; if the data is 0002h, the sequence
will access the DIDR. During the fourth operation, DQ[15:0] transfer data in to or out of bits 15:0 of the registers. The use of the
software sequence does not affect the ability to perform the standard (CRE-controlled) method of loading the configuration registers.
However, the software nature of this access mechanism eliminates the need for CRE. If the software mechanism is used, CRE can
simply be tied to Vss. The port line often used for CRE control purposes is no longer required.
Figure 14: Load Configuration Register
Figure 15: Read Configuration Register
Address
CE#
OE#
WE#
LB#/UB#
DATA
ADDRESS
Max
ADDRESS
Max
ADDRESS
Max
ADDRESS
Max
XXXXh
XXXXh
RCR : 0000h
BCR : 0001h
CR Value In
Don’t Care
READ
READ
WRITE
WRITE
Address
CE#
OE#
WE#
LB#/UB#
DATA
ADDRESS
Max
ADDRESS
Max
ADDRESS
Max
ADDRESS
Max
XXXXh
XXXXh
RCR : 0000h
BCR : 0001h
CR Value In
Don’t Care
READ
READ
WRITE
READ
DIDR : 0002h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com