Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVXO-PC72 Datasheet(PDF) 2 Page - Fox Electronics

Part # FVXO-PC72
Description  LVPECL 7 x 5mm 2.5V VCXO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FVXO-PC72 Datasheet(HTML) 2 Page - Fox Electronics

  FVXO-PC72 Datasheet HTML 1Page - Fox Electronics FVXO-PC72 Datasheet HTML 2Page - Fox Electronics FVXO-PC72 Datasheet HTML 3Page - Fox Electronics FVXO-PC72 Datasheet HTML 4Page - Fox Electronics FVXO-PC72 Datasheet HTML 5Page - Fox Electronics FVXO-PC72 Datasheet HTML 6Page - Fox Electronics FVXO-PC72 Datasheet HTML 7Page - Fox Electronics FVXO-PC72 Datasheet HTML 8Page - Fox Electronics FVXO-PC72 Datasheet HTML 9Page - Fox Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FVXO-PC72 Series
Page 2 of 15
© 2008 FOX ELECTRONICS | ISO9001:2000 Certified
This example, FVXO-PC72BR-900.25 = Voltage Controlled, LVPECL Output, Ceramic, 7 x 5mm Package, 2.5V,
±50 PPM Absolute Pull Range, -40 to +85°C Temperature Range, at 900.25 MHz
Absolute Maximum Ratings (Useful life may be impaired. For user guidelines only, not tested)
Parameters
Symbol
Condition
Maximum Value
(unless otherwise noted)
Input Voltage
VDD
–0.5V to +5.0V
Operating Temperature
TAMAX
–55°C to +105°C
Storage Temperature
TSTG
–55°C to +125°C
Junction Temperature
150°C
ESD Sensitivity
HBM
Human Body Model
1 kV
Model Selection Guide & Fox Part Number
7 9 6 – 900.25 – 1
The 2
nd Field
The Customer’s Frequency
The 3
rd Field
Fox Internally Generated Number
(If any specification changes,
the last digits change)
(The same specs for a different customer
also changes the last digits)
STEP #2: The Fox Customer Service team provides a customer specific Part Number
for use on their Bill Of Materials (BOM).
Fox Part Number (The assigned Fox Part Number must be on the BOM – not the above Model Description)
(This will ensure receipt of the proper part)
STEP #1: Customer selects the Model Description and provides to Fox Customer Service
Model Description
H = HCMOS
L = LVDS
P = LVPECL
X = HCMOS (comp 2nd Output)
B = ± 50ppm Absolute Pull Range
5 = 5 x 3.2mm
7 = 7 x 5mm
C = Ceramic
Q = Quartz
blank = -20°C to +70°C
R = -40°C to +85°C
3 = 3.3 V
2 = 2.5 V
F V X O – P C 7 2 B R – 900.25 Frequency (in MHz)
Resolutions to 6 places
past the decimal point
The 1
st Field
Product Code #
793 = FVXO–HC5
792 = FVXO–HC7
797 = FVXO–LC5
794 = FVXO–LC7
795 = FVXO–PC5
796 = FVXO–PC7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com